Electronic Components Datasheet Search
  English  ▼

X  

QL82SD Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # QL82SD
Description  10 High Speed Bus LVDS Serial Links bandwidth up to 5 Gbps
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL82SD Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button QL82SD Datasheet HTML 27Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 28Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 29Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 30Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 31Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 32Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 33Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 34Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 60 page
background image
© 2002 QuickLogic Corporation
•
•
•
•
•
•
QL82SD Device Data Sheet Rev C
Preliminary
31
www.quicklogic.com
LVDS SERDES Data Channel Configuration
A representation of the SERDES data channel is shown in Figure 43. The device consists of
eight identical data channels.
Figure 43: SERDES Channel 0
Each SERDES data channel can be operated independently. The data channels are
transceivers, so they can either send or receive data on the serial LVDS wire pair. The
direction of transfer is selected with the ChX_oe pin. If this pin is high, the channel is in
transmit mode, if this pin is low, the channel is in receive mode.
The data channel can be configured to deal with different parallel data widths and clocking
mechanisms, Table 29 shows the settings for the ChX_mode[3:0] pins and the modes that
they refer to.
For the Channel Clock A/B modes, see “LVDS SERDES Channel Clock Configuration” on
page 32
for more details. If the data channel is not needed, then it can be powered down (to
reduce overall device power) by tying the ChX_en signal low. This signal must be held high
for normal operation.
For a detailed description of how to use the various modes of the data channel to transmit
and receive data, see “LVDS SERDES Transmit and Receive Operation” on page 33.
Table 29: ChX_mode[3:0]
ChX_mode[3]
Description
bit [3]
Low Frequency (1), High Frequency (0)
Determines high or low frequency lock range for internal SERDES PLL.
When this bit is set to ‘1’, the low frequency range is selected.
When this bit is set to ‘0’, the high frequency range is selected.
bit [2]
In 10:1 mode, this bit must be set to ‘0’.
In channel clock mode, the pin setting does not matter.
bit [1]
Embedded clock mode (0), channel-clock (1)
bit [0]
CLKA (1), CLKB (0) channel clock select
Ch0_rst
Ch0_lock
Ch0_en
Ch0_oe
Ch0_pre_emp
Ch0_mode[3:0]
Ch0_sync
Ch0_txclk
Ch0_rxclk
Ch0_txd[9:0]
Ch0_rxd[9:0]
pad_Ch0-p
pad_Ch0_n
SERDES
Channel 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com