Electronic Components Datasheet Search
  English  ▼

X  

QL82SD Datasheet(PDF) 59 Page - List of Unclassifed Manufacturers

Part # QL82SD
Description  10 High Speed Bus LVDS Serial Links bandwidth up to 5 Gbps
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL82SD Datasheet(HTML) 59 Page - List of Unclassifed Manufacturers

Back Button QL82SD Datasheet HTML 52Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 53Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 54Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 55Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 56Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 57Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 58Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 59Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 60Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 59 / 60 page
background image
© 2002 QuickLogic Corporation
•
•
•
•
•
•
QL82SD Device Data Sheet Rev C
Preliminary
59
www.quicklogic.com
Contact Information
Telephone: 408 990 4000 (US)
416 497 8884 (Canada)
44 1932 57 9011 (Europe)
49 89 930 86 170 (Germany)
852 8106 9091 (Asia)
81 45 470 5525 (Japan)
E-mail:
info@quicklogic.com
Support:
support@quicklogic.com
Web site:
http://www.quicklogic.com/
Revision History
Copyright Information
Copyright © 2002 QuickLogic Corporation. All Rights Reserved.
The information contained in this manual, and the accompanying software programs are protected
by copyright-all rights are reserved by QuickLogic Corporation. QuickLogic Corporation reserves the
right to make periodic modifications of this product without obligation to notify any person or entity
of such revision. Copying, duplicating, selling, or otherwise distributing any part of this product with-
out the prior written consent of an authorized representative of QuickLogic is prohibited.
QuickLogic
, pASIC
, and ViaLink
and QuickWorks
are registered trademarks of QuickLogic
Corporation.
Verilog
is a registered trademark of Cadence Design Systems, Inc.
Table 46: Revision History
Revision
Date
Originator and Comments
Rev. A - Preliminary
Sept. 2001
First Release - Paul Micallef and John Kim
Rev. B - Preliminary
Dec. 2001
Changes to diagrams and data - Paul Micallef and John Kim
Rev. C - Preliminary
June 2002
Updated performance figures - Paul Micallef and John Kim



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com