Electronic Components Datasheet Search
  English  ▼

X  

QL82SD Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # QL82SD
Description  10 High Speed Bus LVDS Serial Links bandwidth up to 5 Gbps
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL82SD Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button QL82SD Datasheet HTML 20Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 21Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 22Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 23Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 24Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 25Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 26Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 27Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 60 page
background image
www.quicklogic.com
© 2002 QuickLogic Corporation
•
•
•
•
•
•
QL82SD Device Data Sheet Rev C
Preliminary
24
Clock AC Characteristics at VCC = 2.5 V, TA = 25 oC (K = 1)
Figure 34: Clock Structure
I/O AC Characteristics at VCC = 2.5 V, TA = 25 oC (K = 1)
Figure 35: I/O Structure
Table 22: Clock Performance
Clock Performance
Global
Dedicated
Logic Cells
1.51 ns
1.59 ns
I/Os
2.06 ns
1.73 ns
Skew
0.55 ns
0.14 ns
Table 23: Input Register Cell
Symbol
Input Register Cell Only
Parameter
Propagation Delay (ns)
tPGCK
Global clock pin delay to quad net
1.34
tBGCK
Global clock buffer delay (quad net to flip
flop)
0.56
programmable clock
Hardware Clock
Global Clock Buffer
Global Clock
PGCK
BGCK
t
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com