Electronic Components Datasheet Search
  English  ▼

X  

QL82SD Datasheet(PDF) 55 Page - List of Unclassifed Manufacturers

Part # QL82SD
Description  10 High Speed Bus LVDS Serial Links bandwidth up to 5 Gbps
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL82SD Datasheet(HTML) 55 Page - List of Unclassifed Manufacturers

Back Button QL82SD Datasheet HTML 51Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 52Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 53Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 54Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 55Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 56Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 57Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 58Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 59Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 60 page
background image
© 2002 QuickLogic Corporation
•
•
•
•
•
•
QL82SD Device Data Sheet Rev C
Preliminary
55
www.quicklogic.com
C9
I/O<D>
G3
VCCREC
K19
I/O<C>
P13
VCC
V7
CLK<2>/PLL
IN<2>
AB1
GND
C10
I/O<D>
G4
GNDPLL
K20
I/O<C>
P14
GND
V8
NC
AB2
VCC
C11
I/O<D>
G5
GND
K21
I/O<C>
P15
VCC
V9
I/O<A>
AB3
I/O<A>
C12
INREF<D>
G6
VCC
K22
I/O<C>
P16
I/O<B>
V10
I/O<A>
AB4
I/O<A>
C13
I/O<D>
G7
GND
L1
CLKAP
P17
I/O<B>
V11
I/O<A>
AB5
I/O<A>
C14
I/O<D>
G8
NC
L2
VCCREC
P18
I/O<B>
V12
I/O<A>
AB6
I/O<A>
C15
I/O<D>
G9
CLK<0>
L3
VCCREC
P19
I/O<B>
V13
I/O<A>
AB7
I/O<A>
C16
I/O<D>
G10
NC
L4
GNDPLL
P20
I/O<B>
V14
I/O<A>
AB8
I/O<A>
C17
I/O<C>
G11
NC
L5
GND
P21
I/O<B>
V15
I/O<A>
AB9
I/O<A>
C18
I/O<C>
G12
GND
L6
VCC
P22
I/O<B>
V16
I/O<B>
AB10
I/O<A>
C19
I/O<C>
G13
NC
L7
GND
R1
CH4P
V17
NC
AB11
I/O<A>
C20
GNDPLL
<0>
G14
NC
L8
GND
R2
VCCREC
V18
NC
AB12
I/O<A>
C21
I/O<C>
G15
I/O<C>
L9
GND
R3
VCCREC
V19
I/O<B>
AB13
I/O<A>
C22
I/O<C>
G16
GND
L10
GND
R4
GNDPLL
V20
I/O<B>
AB14
I/O<A>
D1
CH1N
G17
VCCIO<C>
L11
GND
R5
GND
V21
I/O<B>
AB15
I/O<A>
D2
VCCREC
G18
I/O<C>
L12
GND
R6
VCC
V22
I/O<B>
AB16
I/O<A>
D3
VCCREC
G19
I/O<C>
L13
GND
R7
VCC
W1
CH6P
AB17
I/O<A>
D4
VCCPLL
G20
I/O<C>
L14
VCC
R8
GND
W2
VCCREC
AB18
I/O<B>
D5
NC
G21
INREF<C>
L15
VCC
R9
VCC
W3
VCCREC
AB19
I/O<B>
D6
NC
G22
I/O<C>
L16
CLK<6>
R10
VCC
W4
GNDPLL
AB20
GND
D7
VCC
H1
CH3N
L17
VCCIO<C>
R11
GND
W5
NC
AB21 VCCPLL<1>
D8
TCK
H2
VCCREC
L18
I/O<C>
R12
VCC
W6
TRSTB
AB22
I/O<B>
D9
I/O<D>
H3
VCCREC
L19
CLK<8>
R13
VCC
W7
CLK<3>/PLL
IN<1>
D10
I/O<D>
H4
VCCPLL
L20
I/O<C>
R14
VCC
W8
CLK<4>
DEDCLK/PL
LIN<0>
D11
I/O<D>
H5
GND
L21
I/O<C>
R15
GND
W9
I/O<A>
D12
I/O<D>
H6
VCC
L22
I/O<C>
R16
NC
W10
I/O<A>
D13
I/O<D>
H7
VCC
M1
CLKBN
R17
VCCIO<B>
W11
I/O<A>
D14
I/O<D>
H8
GND
M2
VCCREC
R18
I/O<B>
W12
I/O<A>
D15
I/O<D>
H9
VCC
M3
VCCREC
R19
I/O<B>
W13
I/O<A>
D16
I/O<D>
H10
VCC
M4
VCCPLL
R20
I/O<B>
W14
I/O<A>
Table 44: 484 PBGA Pinout Table
Pin
Function
Pin
Function
Pin
Function
Pin
Function
Pin
Function
Pin
Function
(Sheet 2 of 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com