Electronic Components Datasheet Search
  English  ▼

X  

QL82SD Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # QL82SD
Description  10 High Speed Bus LVDS Serial Links bandwidth up to 5 Gbps
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL82SD Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button QL82SD Datasheet HTML 10Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 11Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 12Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 13Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 14Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 15Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 16Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 17Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 60 page
background image
www.quicklogic.com
© 2002 QuickLogic Corporation
•
•
•
•
•
•
QL82SD Device Data Sheet Rev C
Preliminary
14
SERDES Timing Requirements
NOTE: Both Table 14 and Table 15 refer to CDR (10:1) Mode for ChX_txclk and
Channel Link (8:1, 7:1, 4:1) Mode for ClkX_txclk
Figure 17: Serializer Transmit Clock / Deserializer Reference Clock Transition Times
Table 14: Serializer / Transmitter Transmit Clock
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tTCP
Transmit Clock Period
Mode
Dependent
n/a
T
n/a
nS
tTDC
Transmit Clock Duty Cycle
45
50
55
%
tCLKT
Transmit Clock Input Transition Time
Figure 17
1
n/a
n/a
V/nS
tJIT
Transmit Clock Input Jitter
n/a
n/a
150.0
pS
(RMS)
Table 15: Deserializer / Receiver Transmit Clock
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tRFCP
Reference Clock Period
Mode
Dependent
n/a
T
n/a
nS
tRFDC
Reference Clock Duty Cycle
40
50
60
%
tRFCP/tTCP
Ratio of Reference Clock to
Transmit Clock
0.4
0.5
0.6
n/a
tRFTT
Reference Clock Transition Time
Figure 17
1
n/a
n/a
V/nS
90%
90%
10%
10%
txclk
tclkT/tRFTT
tclkT/tRFTT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com