Electronic Components Datasheet Search
  English  ▼

X  

QL82SD Datasheet(PDF) 48 Page - List of Unclassifed Manufacturers

Part # QL82SD
Description  10 High Speed Bus LVDS Serial Links bandwidth up to 5 Gbps
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL82SD Datasheet(HTML) 48 Page - List of Unclassifed Manufacturers

Back Button QL82SD Datasheet HTML 44Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 45Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 46Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 47Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 48Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 49Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 50Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 51Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 52Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 60 page
background image
www.quicklogic.com
© 2002 QuickLogic Corporation
•
•
•
•
•
•
QL82SD Device Data Sheet Rev C
Preliminary
48
LVDS SERDES External Signals
LVDS SERDES Internal Signals (Data Channels 0 to 7)
NOTE:
All Ch0 signals above repeat for Ch1-Ch7. The eight SERDES data channels 0 through 7
are identical.
Table 39: LVDS SERDES External Signals
Signal Name
Description
CH0P, CH0N
LVDS signal pair for data channel 0
CH1P, CH1N
LVDS signal pair for data channel 1
CH2P, CH2N
LVDS signal pair for data channel 2
CH3P, CH3N
LVDS signal pair for data channel 3
CH4P, CH4N
LVDS signal pair for data channel 4
CH5P, CH5N
LVDS signal pair for data channel 5
CH6P, CH6N
LVDS signal pair for data channel 6
CH7P, CH7N
LVDS signal pair for data channel 7
CLKAP, CLKAN
LVDS signal pair for channel clock A
CLKBP, CLKBN
LVDS signal pair for channel clock B
Table 40: LVDS SERDES Internal Signals (Data Channels 0 to 7)
Signal Name
Description
Ch0_rst
Channel 0 Reset Signal
Ch0_oe
Channel 0 Output Enable (1=transmit, 0=receive)
Ch0_en
Channel 0 Enable (reduces power when set to 0)
Ch0_mode[3:0] Channel 0 MODE pins. See the SERDES Data Channel Functional Description
Ch0_txd[9:0]
Channel 0 Parallel Transmit Data Bus
Ch0_txclk
Channel 0 Transmit/Reference Clock
Ch0_sync
Channel 0 Sync Control. When low, a sync pattern is generated on the
CH0_DATA pins to provide a high-speed lock mechanism when using the
embedded clock mode. When high, it will send the data in ChX_txd.
Ch0_rxd[9:0]
Channel 0 Parallel Receive Data Bus
Ch0_rxclk
Channel 0 Receive Clock
Ch0_lock
Channel 0 Lock indicator, to indicate when the SERDES is locked to the serial
bitstream, when using the embedded clock mode.
Ch0_pre_emp
Channel 0 pre-emphasis signal. When high, LVDS transmitter boosts dynamic
current during signal transitions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com