Electronic Components Datasheet Search
  English  ▼

X  

QL82SD Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # QL82SD
Description  10 High Speed Bus LVDS Serial Links bandwidth up to 5 Gbps
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL82SD Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button QL82SD Datasheet HTML 25Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 26Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 27Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 28Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 29Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 30Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 31Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 32Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 60 page
background image
© 2002 QuickLogic Corporation
•
•
•
•
•
•
QL82SD Device Data Sheet Rev C
Preliminary
29
www.quicklogic.com
RAM Cell Read Timing
Table 28: RAM Cell Synchronous and Asynchronous Read Timing
Figure 42: RAM Cell Synchronous and Asynchronous Read Timing
Symbol
Parameter
Propagation
delay (ns)
RAM Cell Synchronous Read Timing
tSRA
RA setup time to RCLK: the amount of time the READ ADDRESS
must be stable before the active edge of the READ CLOCK
0.686
tHRA
RA hold time to RCLK: the amount of time the READ ADDRESS
must be stable after the active edge of the READ CLOCK
0
tSRE
RE setup time to WCLK: the amount of time the READ ENABLE
must be stable before the active edge of the READ CLOCK
0.243
tHRE
RE hold time to WCLK: the amount of time the READ ENABLE
must be stable after the active edge of the READ CLOCK
0
tRCRD
RCLK to RD: the amount of time between the active READ CLOCK
edge and the time when the data is available at RD
4.38
RAM Cell Asynchronous Read Timing
rPDRD
RA to RD: amount of time between when the READ ADDRESS is
input and when the DATA is output
2.06
RE
RD
RCLK
RA
TSRA
THRA
TSRE
THRE
OLD data
NEW data
TRCRD
RPDRD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com