Electronic Components Datasheet Search
  English  ▼

X  

QL82SD Datasheet(PDF) 57 Page - List of Unclassifed Manufacturers

Part # QL82SD
Description  10 High Speed Bus LVDS Serial Links bandwidth up to 5 Gbps
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL82SD Datasheet(HTML) 57 Page - List of Unclassifed Manufacturers

Back Button QL82SD Datasheet HTML 52Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 53Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 54Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 55Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 56Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 57Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 58Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 59Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 60Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 57 / 60 page
background image
© 2002 QuickLogic Corporation
•
•
•
•
•
•
QL82SD Device Data Sheet Rev C
Preliminary
57
www.quicklogic.com
516 PBGA Pinout Table
Table 45: 516 PBGA Pinout Table
Pin
Function
Pin
Function
Pin
Function
Pin
Function
Pin
Function
Pin
Function
A01
NC
D09
IO(C)
H05
IO(C)
P01
IO(D)
W23
IO(A)
AC19
GNDPLL
A02
IO(C)
D10
IO(C)
H06
VCC
P02
IOCTRL(D)
W24
IO(A)
AC20
VCCPLL
A03
IO(C)
D11
IO(C)
H21
VCC
P03
INREF(D)
W25
IO(A)
AC21
GNDPLL
A04
IOCTRL(C)
D12
IO(C)
H22
VCC
P04
IOCTRL(D)
W26
IO(A)
AC22
GND
A05
IO(C)
D13
IO(C)
H23
PLLRST(1)
P05
IO(D)
Y01
IO(D)
AC23
NC
A06
IO(C)
D14
CLK(5)
H24
GND
P06
VCCIO(D)
Y02
IO(D)
AC24
GND
A07
IO(C)
D15
IO(B)
H25
IO(B)
P11
GND
Y03
IO(D)
AC25
IO(A)
A08
IO(C)
D16
IO(B)
H26
IO(B)
P12
GND
Y04
IO(D)
AC26
IO(A)
A09
IO(C)
D17
IO(B)
J01
IO(D)
P13
GND
Y05
CLK(1)
AD01
IO(D)
A10
IO(C)
D18
IO(B)
J02
IO(D)
P14
GND
Y06
VCCIO(D)
AD02
TDI
A11
IO(C)
D19
IO(B)
J03
IO(C)
P15
GND
Y21
VCCIO(A)
AD03
GND
A12
IO(C)
D20
IO(B)
J04
IO(C)
P16
GND
Y22
CLK(4)DED
CLK,
PLLIN(0)
AD04
VCCREC
A13
TMS
D21
IO(B)
J05
IO(C)
P21
VCCIO(A)
Y23
IO(A)
AD05
VCCREC
A14
CLK(8)
D22
IO(B)
J06
VCCIO(D)
P22
IOCTRL(A)
Y24
IO(A)
AD06
VCCREC
A15
IO(B)
D23
IO(B)
J21
VCCIO(A)
P23
IO(A)
Y25
IO(A)
AD07
VCCREC
A16
IO(B)
D24
IO(B)
J22
PLLOUT(0)
P24
IOCTRL(A)
Y26
IO(A)
AD08
VCCREC
A17
IO(B)
D25
IO(B)
J23
IO(B)
P25
IO(A)
AA01
IO(D)
AD09
VCCREC
A18
IO(B)
D26
IO(B)
J24
IO(B)
P26
NC
AA02
IO(D)
AD10
VCCREC
A19
IO(B)
E01
IO(C)
J25
IO(B)
R01
IO(D)
AA03
IO(D)
AD11
VCCREC
A20
IO(B)
E02
IO(C)
J26
IO(A)
R02
IO(D)
AA04
CLK(0)
AD12
VCCREC
A21
IO(B)
E03
IO(C)
K01
IO(D)
R03
IO(D)
AA05
GND
AD13
VCCREC
A22
IO(B)
E04
IO(C)
K02
IO(D)
R04
IO(D)
AA06
GND
AD14
VCCREC
A23
IOCTRL(B)
E05
IO(C)
K03
IO(D)
R05
VCC
AA07
VCC
AD15
VCCREC
A24
IO(B)
E06
IO(C)
K04
IO(D)
R06
VCC
AA08
VCC
AD16
VCCREC
A25
IO(B)
E07
INREF(C)
K05
IO(C)
R11
GND
AA09
VCC
AD17
VCCREC
A26
IO(B)
E08
VCC
K06
GND
R12
GND
AA10
VCC
AD18
VCCREC
B01
IO(C)
E09
IO(C)
K21
GND
R13
GND
AA11
VCC
AD19
VCCREC
B02
IO(C)
E10
IO(C)
K22
IO(B)
R14
GND
AA12
VCC
AD20
VCCREC
B03
IO(C)
E11
IO(C)
K23
IO(B)
R15
GND
AA13
VCC
AD21
VCCREC
B04
IO(C)
E12
VCC
K24
IO(B)
R16
GND
AA14
VCC
AD22
VCCREC
B05
IO(C)
E13
IO(C)
K25
IO(A)
R21
VCC
AA15
VCC
AD23
VCCREC
B06
IO(C)
E14
IO(B)
K26
IO(A)
R22
IO(A)
AA16
VCC
AD24
GND
B07
IO(C)
E15
IO(B)
L01
IO(D)
R23
IO(A)
AA17
VCC
AD25
CLK(2)
B08
IO(C)
E16
VCC
L02
IO(D)
R24
IO(A)
AA18
VCC
AD26
IO(A)
B09
IO(C)
E17
IO(B)
L03
IO(D)
R25
IO(A)
AA19
VCC
AE01
TCK
B10
IO(C)
E18
IO(B)
L04
IO(D)
R26
INREF(A)
AA20
VCC
AE02
TDO
B11
IO(C)
E19
IO(B)
L05
VCC
T01
IO(D)
AA21
GND
AE03
GND
B12
IO(C)
E20
IO(B)
L06
VCC
T02
IO(D)
AA22
VCC
AE04
VCCREC
B13
IO(C)
E21
IO(B)
L11
GND
T03
IO(D)
AA23
IO(A)
AE05
VCCREC
B14
CLK(7)
E22
IO(B)
L12
GND
T04
IO(D)
AA24
IO(A)
AE06
VCCREC
B15
IO(B)
E23
IO(B)
L13
GND
T05
IO(D)
AA25
IO(A)
AE07
VCCREC
B16
IO(B)
E24
IO(B)
L14
GND
T06
VCC
AA26
IO(A)
AE08
VCCREC
B17
IO(B)
E25
IO(B)
L15
GND
T11
GND
AB01
IO(D)
AE09
VCCREC
B18
IO(B)
E26
IO(B)
L16
GND
T12
GND
AB02
IO(D)
AE10
VCCREC
B19
IO(B)
F01
VCCPLL(0)
L21
VCC
T13
GND
AB03
NC
AE11
VCCREC
B20
IO(B)
F02
GNDPLL(0)
L22
IO(A)
T14
GND
AB04
VCC
AE12
VCCREC
B21
NC
F03
IO(C)
L23
IO(A)
T15
GND
AB05
GND
AE13
VCCREC
B22
INREF(B)
F04
IO(C)
L24
IO(A)
T16
GND
AB06
GND
AE14
VCCREC
B23
IO(B)
F05
IO(C)
L25
IO(A)
T21
VCC
AB07
GND
AE15
VCCREC
B24
IO(B)
F06
GND
L26
IO(A)
T22
VCC
AB08
GND
AE16
VCCREC
B25
IO(B)
F07
VCCIO(C)
M01
IO(D)
T23
IO(A)
AB09
GND
AE17
VCCREC
B26
IO(B)
F08
VCC
M02
NC
T24
IO(A)
AB10
GND
AE18
VCCREC
C01
IO(C)
F09
VCCIO(C)
M03
IO(D)
T25
IO(A)
AB11
GND
AE19
VCCREC
C02
IO(C)
F10
GND
M04
IO(D)
T26
IO(A)
AB12
GND
AE20
VCCREC
(Sheet 1 of 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com