Electronic Components Datasheet Search
  English  ▼

X  

QL82SD Datasheet(PDF) 47 Page - List of Unclassifed Manufacturers

Part # QL82SD
Description  10 High Speed Bus LVDS Serial Links bandwidth up to 5 Gbps
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL82SD Datasheet(HTML) 47 Page - List of Unclassifed Manufacturers

Back Button QL82SD Datasheet HTML 43Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 44Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 45Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 46Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 47Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 48Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 49Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 50Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 51Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 60 page
background image
© 2002 QuickLogic Corporation
•
•
•
•
•
•
QL82SD Device Data Sheet Rev C
Preliminary
47
www.quicklogic.com
Pin Type Description
General Pins
Table 37: General Pin Descriptions
Type
Description
IN
Input. A standard input-only signal
OUT
Totem pole output. A standard active output driver
T/S
Tri-state. A bi-directional, tri-state input/output pin
Table 38: General Pin/Bus Descriptions
Pin/Bus Name
Type
Function
VCC
IN
Supply pin. Tie to 2.5 V supply.
VCCIO
IN
Supply pin for I/O. Set to 2.5 V for 2.5 V I/O, 3.3 V for
3.3 V compliant I/O, or refer to the I/O Standards table.
INREF
IN
Differential I/O Reference Voltage, refer to Differential
Voltage Table. Connect to GND when using TTL, PCI or
LVCMOS
VCCREC
IN
LVDS Receiver VCC Supply. Connect to 3.3 V
VCCPLL
IN
PLL VCC Supply. Connect to 2.5 V
IOCTRL
IN
Low Skew I/O Control Pins. Tie to GND if unused
GNDPLL
IN
Tie to GND
CLK/PLLIN
IN
Programmable Global Clock Pin or Programmable PLL
Input. Tie to VCC or GND if unused
CLK/DEDCLK/PLLIN
IN
Dedicated Global Clock Pin or Programmable PLL Input.
PLLOUT
OUT Programmable PLL Output
PLLRST
IN
Programmable PLL Reset. Tie to VCC if the PLL is unused.
GND
IN
Ground pin. Tie to GND on the PCB.
T/GND
IN
Thermal Ground. Used to dissipate heat from the device.
Tie to GND on the PCB.
I/O
T/S
Programmable Input/Output/Tri-State/Bi-directional Pin.
CLK
IN
Programmable Global Clock Pin. Tie to VCC or GND if
unused.
TDI
IN
JTAG Data In. Tie to VCC if unused.
TDO
OUT JTAG Data Out. Leave unconnected if unused.
TCK
IN
JTAG Clock. Tie to GND if unused.
TMS
IN
JTAG Test Mode Select. Tie to VCC if unused.
TRSTB
IN
JTAG Reset. Tie to GND if unused.
NC
OUT
Must be isolated and floating at all times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com