Electronic Components Datasheet Search
  English  ▼

X  

QL82SD Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # QL82SD
Description  10 High Speed Bus LVDS Serial Links bandwidth up to 5 Gbps
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL82SD Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button QL82SD Datasheet HTML 18Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 19Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 20Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 21Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 22Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 23Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 24Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 25Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
www.quicklogic.com
© 2002 QuickLogic Corporation
•
•
•
•
•
•
QL82SD Device Data Sheet Rev C
Preliminary
22
Super Logic (Flip-Flop and Combinational Circuit) AC Characteristics at
VCC = 2.5 V, TA = 25o C (K = 1)
Figure 28: Super Logic Cell Flip-Flop Structure
Figure 29: Combinational Delay for Logic Cell
Table 21: Logic Cells
Symbol
Parameter
Condition
Propagation delay (ns)
Fanout = 1
tPD
Combinational Delay a
a. Stated timing for worst case Propagation Delay over process variation at VCC = 2.5 V and
TA = 25 °C. Multiply by the appropriate Delay Factor, K, for speed grade, voltage and temperature
settings as specified in the operating range.
Figure 29
0.257
tSU
Setup Time b
b. These limits are derived from a representative selection of the slowest paths through the logic cell
including typical net delays. Worst case delay values for specific paths should be determined from
timing analysis of your particular design.
Figure 30
0.22
tH
Hold Time
0
tCLK
Clock to Q Delay
Figure 31
0.255
tCWHI
Clock High Time
Figure 32
0.46
tCWLO
Clock Low Time
0.46
tSET
Set Delay
Figure 33
0.18
tRESET
Reset Delay
0.09
tSW
Set Width
0.30
tRW
Reset Width
0.30
reset
clk
d
set
q
tPD
input
output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com