Electronic Components Datasheet Search
  English  ▼

X  

QL82SD Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # QL82SD
Description  10 High Speed Bus LVDS Serial Links bandwidth up to 5 Gbps
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL82SD Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button QL82SD Datasheet HTML 37Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 38Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 39Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 40Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 41Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 42Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 43Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 44Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 60 page
background image
© 2002 QuickLogic Corporation
•
•
•
•
•
•
QL82SD Device Data Sheet Rev C
Preliminary
41
www.quicklogic.com
I/O Cell Structure
I/O Cell Structure General Description
The QuickSD device features a variety of distinct I/O pins to maximize performance,
functionality, and flexibility with bi-directional I/O pins and input-only pins. All input and I/O
pins are 2.5 V and 3.3 V tolerant and comply with the specific I/O standard selected. The
outputs swing from Vss to VCCIO (0 V to 3.3 V ± 10%). The VCCIO pins must be tied to
a 3.3 V supply to provide 3.3 V compliance.
If 3.3 V compliance is not required, then these pins must be tied to the 2.5 V supply.
Table 33
summarizes the I/O specifications that are supported.
As designs become more complex and requirements more stringent, varying I/O standards
are developing for specific applications. I/O standards for processors, memories and various
bus applications have become common place and a requirement for many systems. In
addition, I/O timing has become a greater issue with specific requirements for setup, hold,
clock to out, and switching times.
The QuickSD device has addressed these changing system requirements. The QuickSD
device includes a completely new I/O cell which consists of programmable I/Os as well as a
new cell structure consisting of three registers: input, output and output enable. The QuickSD
device offers banks of programmable I/O that addresses many of the new bus standards that
are popular today. In addition, the input register addresses the setup time, the output register
addresses clock-to-out time, and the OE register addresses the switching time from high
impedance to a given value.
Figure 51
shows the QuickSD device I/O cell.
Table 33: Supported I/O Specifications
/O Standard Reference Voltage Output Voltage
Application
LVTTL
n/a
3.3
general purpose
LVCMOS2
n/a
2.5
general purpose
PCI
n/a
3.3
PCI bus applications
GTL+
1
n/a
high speed bus - Pentium Pro
SSTL3
1.5
3.3
memory bus - Hitachi, IBM
SSTL2
1.25
2.5
memory bus - Hitachi, IBM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com