Electronic Components Datasheet Search
  English  ▼

X  

QL82SD Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # QL82SD
Description  10 High Speed Bus LVDS Serial Links bandwidth up to 5 Gbps
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL82SD Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button QL82SD Datasheet HTML 12Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 13Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 14Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 15Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 16Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 17Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 18Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 19Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
www.quicklogic.com
© 2002 QuickLogic Corporation
•
•
•
•
•
•
QL82SD Device Data Sheet Rev C
Preliminary
16
Figure 18: Serializer Delays to Tri-State
Figure 19: 10:1 Mode Serializer Transmit with Embedded Clock
Figure 20: Serializer PLL Times
3V
0V
V
V
0H
0L
EN
Pad_p/n
t LZD
t HZD
50%
t ZHD
t ZLD
50%
1.1V
50%
50%
50%
1.5V
1.5V
1.1V
Ch0_txclk
Ch0_txd[9:0] A
B
C
D
E
DIS
DIH
t
t
F
Pad_Ch0_p/n
t ZHD or
t ZLD
0.8V
t HZD or
t LZD
TRI-STATE
Output Active
TRI-STATE
txclk
Pad_p/n
ENABLE
2.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com