Electronic Components Datasheet Search
  English  ▼

X  

QL82SD Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # QL82SD
Description  10 High Speed Bus LVDS Serial Links bandwidth up to 5 Gbps
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL82SD Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button QL82SD Datasheet HTML 14Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 15Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 16Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 17Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 18Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 19Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 20Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 21Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 60 page
background image
www.quicklogic.com
© 2002 QuickLogic Corporation
•
•
•
•
•
•
QL82SD Device Data Sheet Rev C
Preliminary
18
SERDES Switching Characteristics - Deserializer/Receiver
a. These values include the delay resulting from application of internal compensation for data/clock skew.
Table 17: Deserializer / Receiver Switch Characteristics
CDR (10:1) Mode
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tRCP
ChX_rxclk Period
28.5
T
40.0
nS
tRDC
ChX_rxclk Duty Cycle
45
50
55
%
tDD
Deserializer Delay
Figure 23
2
× t
RCP + 1.5
2
× t
RCP + 2.5
2
× t
RCP + 3.5
nS
tRXPD
ChX_rxclk to ChX_rxd[9..0]
1.5
2.5
3.5
nS
tDSR1
Deserializer PLL Lock Time
from powered-down state
Figure 24: 25 MHz
Figure 24: 50 MHz
5
8
uS
uS
tDSR2
Deserializer PLL Lock Time from SYNCPAT
Figure : 25 MHz
Figure : 50 MHz
1
0.75
uS
uS
tDJIT
Pad_ChX_p/n Jitter
25 MHz
50 MHz
±350
±200
pS
pS
Channel Link (8:1, 7:1, 4:1) Mode
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tRCP
ChX_rxclk Period
T
nS
tRDC
ChX_rxclk Duty Cycle
45
50
55
%
tDD
Deserializer Delay
Figure 26
2
× t
RCP + 1.5
2
× t
RCP + 2.5
2
× t
RCP + 3.5
nS
tRXPD
ChX_rxclk to ChX_rxd[N-1..0]
1.5
2.5
3.5
nS
tRXDS
Pad_ChX_p/n Setup to Strobe Position
150
200
pS
tRXDH
Pad_ChX_p/n Hold to Strobe Position
150
200
pS
tSCD
Pad_ClkX_p/n to Serial Clock Delay
a
0.6
0.8
1
nS
tSCP
Serial Clock Period
T/mode
nS
tRXD[N-1]
Receiver Input Strobe Position for Bit [N-1]
[N-1]
× t
SCP + 1.1
[N-1]
× t
SCP + 2.4
nS
tDSR1
Deserializer PLL Lock Time from
powered-down state
Figure 24: 25 MHz
Figure 24: 50 MHz
5
8
uS
uS
tDJIT
Pad_ChX_p/n Jitter
25 MHz
50 MHz
±300
±150
pS
pS
Asynchronous Level Conversion (1:1) Mode
tADD
Asynchronous Deserializer Delay -
Data Channel
Figure 27
1.7
nS
tADC
Asynchronous Serializer Delay -
Channel Clock
a
0.6
0.8
1
nS
LVDS Link
Frequency
Compression
Mode
-1
Mode Dependent
LVDS Link
Frequency
Compression
Mode
-1
Mode Dependent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com