Electronic Components Datasheet Search
  English  ▼

X  

QL82SD Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # QL82SD
Description  10 High Speed Bus LVDS Serial Links bandwidth up to 5 Gbps
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL82SD Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button QL82SD Datasheet HTML 30Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 31Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 32Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 33Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 34Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 35Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 36Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 37Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 60 page
background image
www.quicklogic.com
© 2002 QuickLogic Corporation
•
•
•
•
•
•
QL82SD Device Data Sheet Rev C
Preliminary
34
•
tDD is the delay from the rising edge of the start bit in the serial bitstream to the rising
edge of the recovered parallel clock
•
tRXPD is the propagation delay time provided for the recovered data with respect to the
recovered clock.
Transmit 8-bit Data With Channel Clock
When the SERDES is in 8-bit mode, it must be configured to use a channel clock. The
waveforms shown in Figure 21 show the parallel transmit clock provided by the user to the
clock channel (ClkX_txclk), and the converted channel clock on the LVDS outputs of the
channel clock (pad_ClkX_p and pad_ClkX_n).
NOTE: The output of the channel clock has the same period as the parallel transmit clock.
This is done to frame the serial data transmitted on the pad_ChX_p and pad_ChX_n pins.
The LVDS channel clock (pad_ClkX_p and pad_ClkX_n) is multiplied up by the receiver to
capture each bit of the transmitted data.
The 8-bit data is converted to a simple serial bit stream.
The pertinent timing parameters shown in Figure 21 are:
•
tDIS is the setup time needed on the parallel transmit data (ChX_txd[7:0] with respect to
the parallel transmit clock (ClkX_txclk)
•
tDIH is the hold time needed on the parallel transmit data (ChX_txd[7:0] with respect to
the parallel transmit clock (ClkX_txclk)
•
tSD is the clock delay between the rising edge of the parallel transmit clock to the rising
edge of the LVDS channel clock
•
tTXD[N-1] is the serial data physical bit position with respect to the LVDS channel clock.
NOTE: tTXD[N-1] denotes physical bit positions wrt pad_ClkX_p/n while pad_ChX_p/n bit[n]
refers to logical bit positions wrt ChX_txd[7:0].
Receive 8-bit Data With Channel Clock
The SERDES in 8-bit receive mode receives serial data on the pad_ChX_p and pad_ChX_n
LVDS input, and a clock on the pad_ClkX_p and pad_ClkX_n LVDS input (see Figure 26 ).
The LVDS input clock is multiplied by 8 within the SERDES core to capture the 8 bits of data
from the pad_ChX_p and pad_ChX_n serial bitstream. The parallelized data goes out on the
ChX_rxd internal 8-bit bus, and the re-timed parallel clock goes out on the ClkX_rxclk pin.
The pertinent timing parameters shown in this diagram are:
•
tDD is the delay between the first bit of the serial data showing up in the serial bit stream
and the rising edge of the retimed parallel clock corresponding to the same data frame
•
tRXPD is the propagation delay time provided for the recovered data with respect to the
recovered clock
•
tRXDS is the setup time needed for the serial data on the pad_ChX_p and pad_ChX_n
LVDS inputs to the rising edge of the internal serial clock strobe
•
tRXDH is the hold time needed for the serial data on the pad_ChX_p and pad_ChX_n
LVDS inputs relative to the internal serial clock strobe



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com