Electronic Components Datasheet Search
  English  ▼

X  

QL82SD Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # QL82SD
Description  10 High Speed Bus LVDS Serial Links bandwidth up to 5 Gbps
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL82SD Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button QL82SD Datasheet HTML 21Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 22Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 23Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 24Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 25Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 26Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 27Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 28Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 60 page
background image
© 2002 QuickLogic Corporation
•
•
•
•
•
•
QL82SD Device Data Sheet Rev C
Preliminary
25
www.quicklogic.com
Figure 36: Input Register Cell
Table 24: Input Register Cell
Symbol
Input Register Cell Only
Parameter
Propagation
Delay (ns)
tISU
Input Register Setup Time: the amount of time the synchronous
input of the flip flop must be stable before the active clock edge.
3.12
tIH
Input Register Hold Time: the amount of time the synchronous input
of the flip flop must be stable after the active clock edge.
0
tICLK
Input Register Clock to Q: the amount of time taken by the flip flop
to output after the active clock edge.
1.08
tIRST
Input Register Reset Delay: the amount of time between when the
flip flop is “reset” (low) and when Q is consequently “reset” (low).
0.99
tIESU
Input Register Clock Enable Setup Time: the amount of time
“enable” must be stable before the active clock edge.
0.37
tIEH
Input Register Clock Enable Hold Time: the amount of time “enable”
must be stable after the active clock edge.
0
PAD
E
R
Q
D
+
-
TIN, TINI
TISU
TICLK
tSID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com