Electronic Components Datasheet Search
  English  ▼

X  

QL82SD Datasheet(PDF) 42 Page - List of Unclassifed Manufacturers

Part # QL82SD
Description  10 High Speed Bus LVDS Serial Links bandwidth up to 5 Gbps
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL82SD Datasheet(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button QL82SD Datasheet HTML 38Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 39Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 40Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 41Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 42Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 43Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 44Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 45Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 46Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 60 page
background image
www.quicklogic.com
© 2002 QuickLogic Corporation
•
•
•
•
•
•
QL82SD Device Data Sheet Rev C
Preliminary
42
Figure 51: QuickSD I/O Cell
The bi-directional I/O pin options can be programmed for input, output, or bi-directional
operation. Each bi-directional I/O pin is associated with an I/O cell which features an
input/feedback register, an input buffer, output/feedback register, three-state output buffer,
an output enable register, and two 2-to-1 multiplexers.
For input functions, I/O pins can provide combinatorial registered data or both options
simultaneously to the logic array. For combinatorial input operation, data is routed from I/O
pins through the input buffer to the array logic. For registered input operation, I/O pins drive
the D input of input cell registers, allowing data to be captured with fast set-up times without
consuming internal logic cell resources.
For output functions, I/O pins can receive combinatorial or registered data from the logic
array. For combinatorial output operation, data is routed from the logic array through a
multiplexer to the I/O pin. For registered output operation, the array logic drives the D input
of the output cell register which in turn drives the I/O pin through a multiplexer. The
multiplexer allows either a combinatorial or a registered signal to be driven to the I/O pin.
The three-state output buffer controls the flow of data from the array logic to the I/O pin and
allows the I/O pin to act as an input and/or output. The buffer's output enable can be
individually controlled by a logic cell array or any pin (through the regular routing resources),
or bank-controlled through one of the global networks.
The signal can also be either combinatorial or registered. This is identical to that of the flow
for the output cell. For combinatorial control operation, data is routed from the logic array
through a multiplexer to the three-state control. For registered control operation, the array
logic drives the D input of the OE cell register which in turn drives the three-state control
through a multiplexer. The multiplexer allows either a combinatorial or a registered signal to
be driven to the three-state control.
For output functions, I/O pins can be individually configured for active HIGH, active LOW,
or open-drain inverting operation. In the active HIGH and active LOW modes, the pins of
all devices are fully 3.3 V compliant.
E
Q
R
D
E
D
R
Q
PAD
E
D
R
Q
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com