Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3122AI3BN Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # ZSSC3122AI3BN
Description  cLite™ Low-Voltage Capacitive Sensor Signal Conditioner
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3122AI3BN Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button ZSSC3122AI3BN Datasheet HTML 25Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 26Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 27Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 28Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 29Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 30Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 31Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 32Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 59 page
background image
ZSSC3122 Datasheet
© 2018 Integrated Device Technology, Inc.
29
June 8, 2018
Figure 10.8
I2C Timing Diagram
Table 10.9 I2C Parameters
Parameter
Symbol
Min
Typ
Max
Units
SCL clock frequency [a])
fSCL
20
400
kHz
Start condition hold time relative to SCL edge
tHDSTA
0.1
µs
Minimum SCL clock low width [b])
tLOW
0.6
µs
Minimum SCL clock high width [b])
tHIGH
0.6
µs
Start condition setup time relative to SCL edge
tSUSTA
0.1
µs
Data hold time on SDA relative to SCL edge
tHDDAT
0
0.5
µs
Data setup time on SDA relative to SCL edge
tSUDAT
0.1
µs
Stop condition setup time on SCL
tSUSTO
0.1
µs
Bus free time between stop condition and start condition
tBUS
1
µs
[a] The minimum frequency of 20kHz applies to calibration/test only (required to meet Command Window timing). There is no minimum for NOM.
[b] Combined low and high widths must equal or exceed minimum SCL period.
SDA
SCL
tHDSTA
tHDDAT
tLOW
tSUDAT
tHIGH
tSUSTA
tHDSTA
tSUSTO
tBUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com