Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3122AI3BN Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # ZSSC3122AI3BN
Description  cLite™ Low-Voltage Capacitive Sensor Signal Conditioner
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3122AI3BN Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button ZSSC3122AI3BN Datasheet HTML 16Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 17Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 18Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 19Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 20Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 21Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 22Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 23Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 59 page
background image
ZSSC3122 Datasheet
© 2018 Integrated Device Technology, Inc.
20
June 8, 2018
10. Normal Operation Mode
Figure 10.1 gives a general overview of ZSSC3122 operation. Details of operation, including the power-up sequence, measurement modes,
output modes, diagnostics, and commands, are given in the subsequent sections.
Figure 10.1
General Operation
UPDATE MODE
(I2C, SPI, PDM, or Alarms)
SLEEP MODE
(I2C, SPI, or Alarms)
Command
Received
Command
Received
(I2C/SPI only)
No
Command Mode
(No measurement cycle.
Full command set is available.)
Yes
Start_NOM
No, after Command Window expires (3ms / 10ms)
Command = Start_CM?
MR
Measurement
Request
DF
Data Fetch
Command
Received.
Command =
Start_NOM?
Execute
Command
Update Rate Period Over
or Command Received?
Update
Period
Over
Yes
Perform Measurement
No
Fetch Data
Normal Operation Mode
Perform initial measurement.
Start_CM
Command
Received
Power Down
(Wait for command)
Command =
I2C DF or
SPI DF?
Fetch Data
Command =
I2C MR or
SPI MR?
No
Yes
Power Down
(Wait for command.)
No
Yes
Perform Measurement
Yes
Command =
I2C DF or
SPI DF?
Update Digital Output Register,
PDMs, & Alarms
Power-On Reset
Update Digital Output
Register & Alarms
Power Down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com