Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3122AI3BN Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # ZSSC3122AI3BN
Description  cLite™ Low-Voltage Capacitive Sensor Signal Conditioner
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3122AI3BN Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button ZSSC3122AI3BN Datasheet HTML 44Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 45Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 46Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 47Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 48Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 49Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 50Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 51Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 59 page
background image
ZSSC3122 Datasheet
© 2018 Integrated Device Technology, Inc.
48
June 8, 2018
T SOT _T
(Raw _T )
Gain _T
Raw _T Offset _T
2
Gain_2
Gain correction for sensor applied to region 2 – not used if only 1 region is used.
SOT_2
alternatively
TOT_1
Second-order correction for sensor region 2 – not used if only 1 region is used.
Used as third-order term TOT_1 for third-order correction.
Tco
Correction for offset drift due to temperature.
Tcg
Correction for sensitivity (gain) change due to temperature.
SOT_tco
Second-order correction for offset drift due to temperature.
SOT_tcg
Second-order correction for sensitivity change due to temperature.
TREF
Raw temperature reading used as a reference temperature for the removal of all TC components.
T
Difference between current raw temperature and the reference temperature.
OUT
Corrected capacitance output value.
13.2 Temperature Signal Compensation
Temperature is measured internally. Temperature correction contains both linear gain and offset terms as well as a second-order term to correct
for any nonlinearity.
Note: The following equation is only meant to show the general form and capabilities of the internal ZSSC3122 temperature signal conditioning.
(23)
Where:
Raw_T
[0,16383]
Raw temperature reading
Gain_T
[-32768,32767]
Gain correction for internal temperature
Offset_T
[-32768,32767]
Offset correction for internal temperature
SOT_T
[-32768,32767]
Second-order correction for internal temperature
T
[-32768,32767]
Corrected temperature output value
13.3 Limits on Coefficient Ranges
There are range limits on some of the calibration coefficients that will be enforced by the calibration routine provided by IDT. These limits ensure
the integrity of the internal calculations and would only limit the most extreme cases of sensor correction.
Note: For Alarm-only applications, it is critical that the coefficient verification feature of the calibration routine is used since diagnostics are not
reported for the Alarms (see section 10.4 for more details)
Table 13.1 shows the limits for correction for the grade of temperature dependency and 2nd nonlinearity of this dependency.
Table 13.1 Limits on Coefficient Ranges
Coefficient
Correction
Condition
TCO
6060 PPM/K
SOT_TCO
74 PPM/K2
TCG
12120 PPM/K
Based on raw temperature values
SOT_TCG
147 PPM/K2
Based on raw temperature values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com