Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3122AI3BN Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # ZSSC3122AI3BN
Description  cLite™ Low-Voltage Capacitive Sensor Signal Conditioner
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3122AI3BN Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button ZSSC3122AI3BN Datasheet HTML 33Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 34Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 35Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 36Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 37Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 38Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 39Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 40Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 59 page
background image
ZSSC3122 Datasheet
© 2018 Integrated Device Technology, Inc.
37
June 8, 2018
11. Command Mode
Command Mode is primarily used for calibrating the ZSSC3122. Command Mode is entered by sending a Start_CM during the command
window (see section 10.1 for more details on how to enter Command Mode). In Command Mode, a set of commands are available to the user
to calibrate the part (see Table 11.1).
11.1 Command Format
Command Mode commands are only supported for the I2C protocol. As shown in Figure 11.1, commands are 4-byte packets with the first byte
being a 7-bit slave address followed by 0 for write. The second byte is the command byte and the last two bytes form a 16-bit data field.
Figure 11.1
I2C Command Format
I2C WRITE, Command Byte, and 2 Command Data Bytes
Start Condition
Stop Condition
Acknowledge (ACK)
Read/Write Bit (Example: Write = 0)
S
2
2
Slave Address Bit (Example: Bit 2)
Command or Data Bit (Example: Bit 2)
A
S
W
Device Slave Address
Command Byte
Command Data [15:8]
Command Data [7:0]
Wait for
Wait for
Wait for
Wait for
Slave ACK
Slave ACK
Slave ACK
Slave ACK
6
S
5 4
2
3
1
W
0
A
6 5
7
3
4
2
0
1
A
14 13
15
11
12
10
8
9
A
6 5
7
4
2
0
1
S
A
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com