| Electronic Components Datasheet Search |
|
ZSSC3122AI3BN Datasheet(PDF) 35 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ZSSC3122AI3BN Datasheet(HTML) 35 Page - Renesas Technology Corp |
|
35 / 59 page ![]() ZSSC3122 Datasheet © 2018 Integrated Device Technology, Inc. 35 June 8, 2018 10.8.1 Alarm Registers Four registers are associated with the alarm functions: Alarm_High_On, Alarm_High_Off, Alarm_Low_On, and Alarm_Low_Off (see Table 12.1 for EEPROM addresses). Each of these four registers is a 14-bit value that determines where the alarms turn on or off. The two high alarm registers form the output with hysteresis for the Alarm_High pin, and the two low alarm registers form the output with hysteresis for the Alarm_Low pin. Each of the two alarm pins can be configured independently using Alarm_Low_Cfg and Alarm_High_Cfg located in EEPROM word Cust_Config (see Table 12.5 for bit assignments). Note: If two high alarms or two low alarms are needed, see section 10.8.4. 10.8.2 Alarm Operation As shown in Figure 10.14, the Alarm_High_On register determines where the high alarm trip point is and the Alarm_High_Off register determines where the high alarm turns off if the high alarm has been activated. The high alarm hysteresis value is equal to Alarm_High_On – Alarm_High_Off. The same is true for the low alarm where Alarm_Low_On is the low alarm trip point with Alarm_Low_Off determining the alarm shut off point. The low alarm hysteresis value is equal to Alarm_Low_Off – Alarm_Low_On. Figure 10.15 shows output operation flowcharts for both the Alarm_High and Alarm_Low pins. Figure 10.14 Example of Alarm Function Time Alarm_High_On Alarm_High_Off Alarm_Low_Off Alarm_Low_On High Alarm Pin On Low Alarm Pin On Low Alarm Pin Off Hysteresis Hysteresis High Alarm Pin Off |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |