Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3122AI3BN Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ZSSC3122AI3BN
Description  cLite™ Low-Voltage Capacitive Sensor Signal Conditioner
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3122AI3BN Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ZSSC3122AI3BN Datasheet HTML 4Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 5Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 6Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 7Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 8Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 9Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 10Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 11Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 59 page
background image
ZSSC3122 Datasheet
© 2018 Integrated Device Technology, Inc.
8
June 8, 2018
Parameter
Symbol
Min
Typ
Max
Units
Input Capacitance Span (Full Scale Values)
C0
2
10
pF
External Reference Capacitance
C1
2
10
pF
External Isolating Capacitance (CC pin to sensor common node) [c]
CCC
16
pF
I2C Pull-Up Resistor
RPU
1
2.2
k
SDA/MISO Load Capacitance
CSDA
200
pF
[a] Caution: If buying die, select the proper package to ensure that the maximum junction temperature is not exceeded.
[b] See section 7 for full details on output pad drive strengths.
[c] An external isolating capacitor allows a non-galvanic connection to special differential or external reference sensor types. CCC could also be used
to lower the overall capacitance level to a value that is supported by the ZSSC3122 because it limits the maximum capacitance seen by the
ZSSC3122 input to CC even if C0 and C1 have higher values. See section 9.2.1.3 for more details.
5. Electrical Characteristics
See important table notes at the end of the following table.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Supply Current
Update Mode Current (varies with part
configuration) [a]
IDD
Best case settings: 8-bit, 125ms
Power Down [b]
60
100
μA
Worst case settings:
14-bit, 0ms Power Down
750
1100
Extra Current with PDM Enabled [b]
IPDM
150
μA
Sleep Mode Current [a]
ISLEEP
-20 to 85°C
0.6
1
μA
-20 to 125°C
1
3
μA
Voltage Levels
Power-On-Reset Level
VPOR
1.6
1.7
1.75
V
Active Regulated Voltage
VREG
Note: Regulated voltage can be
measured on the Vcore pin.
2.4
2.55
2.7
V
Capacitance-to-Digital Converter (CDC)
Resolution
RESCDC
8
14
Bits
Excitation Frequency of External
Capacitances C0 and C1
(for a system frequency fSYS)
fEXC
fSYS/2
kHz
Integral Nonlinearity (INL) [c]
INLCDC
10% to 90% input, 14-bit
0.2
%
Differential Nonlinearity (DNL) [b]
DNLCDC
10% to 90% input, 14-bit
0.9
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com