Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3122AI3BN Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # ZSSC3122AI3BN
Description  cLite™ Low-Voltage Capacitive Sensor Signal Conditioner
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3122AI3BN Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button ZSSC3122AI3BN Datasheet HTML 13Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 14Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 15Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 16Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 17Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 18Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 19Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 20Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 59 page
background image
ZSSC3122 Datasheet
© 2018 Integrated Device Technology, Inc.
17
June 8, 2018
9.2.1.4 Capacitive Range Selection
For singled ended sensors, use Table 9.1 as guidance to select appropriate values for the CDC (COFF) and (CREF) for a particular capacitance
input range. The CDC_Offset and CDC_Reference bits are found in EEPROM word C_Config. (See Table 12.3 for bit numbers). Using the
settings given in Table 9.1, the CDC input range can be adjusted to optimize the coverage of the sensor signal and offset values to give the
maximum sensor span that can be processed without losing resolution. Choose a range by fitting the input sensor span within the narrowest
range in the table, but note that these tables are only approximate, so the range should be chosen by experimenting with the actual setup. Also
note that since internal capacitance values can vary over process (see specification parameter Ctol in section 5), the minimum and maximum
sensor span should be at least ±10% within the minimum and maximum of the chosen range respectively.
Note: A CREF setting of 0 (marked with * in the following tables) is only supported with an external reference capacitor (C1) for single-ended
sensors. C1 capacitance values should be within the defined range.
Table 9.1 Selection Settings for CREF and COFF
Note: Capacitance ranges are nominal values.
Note: Production-related tolerances can change the nominal capacitance values by
10%.
0
0.0
C1
0.0
1.4
0.0
2.9
0.0
4.3
0.0
5.8
0.0
7.2
0.0
8.6
0.0
10.1
1
1.4
C1
1.4
2.9
1.4
4.3
1.4
5.8
1.4
7.2
1.4
8.6
1.4
10.1
1.4
11.5
2
2.9
C1
2.9
4.3
2.9
5.8
2.9
7.2
2.9
8.6
2.9
10.1
2.9
11.5
2.9
13.0
3
4.3
C1
4.3
5.8
4.3
7.2
4.3
8.6
4.3
10.1
4.3
11.5
4.3
13.0
4.3
14.4
4
5.8
C1
5.8
7.2
5.8
8.6
5.8
10.1
5.8
11.5
5.8
13.0
5.8
14.4
5.8
15.8
5
7.2
C1
7.2
8.6
7.2
10.1
7.2
11.5
6
8.6
C1
8.6
10.1
8.6
11.5
8.6
13.0
7 10.1
C1
10.1
11.5
10.1
13.0
10.1
14.4
3
4
5
6
7
not recommended
PROHIBITED
CDC_Reference
3-bit set
0*
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com