Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3122AI3BN Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ZSSC3122AI3BN
Description  cLite™ Low-Voltage Capacitive Sensor Signal Conditioner
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3122AI3BN Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ZSSC3122AI3BN Datasheet HTML 5Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 6Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 7Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 8Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 9Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 10Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 11Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 12Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 59 page
background image
ZSSC3122 Datasheet
© 2018 Integrated Device Technology, Inc.
9
June 8, 2018
Parameter
Symbol
Conditions
Min
Typ
Max
Units
EEPROM
Number of Erase/Write Cycles
nWRI_EEP
At 85
C
100k
Data Retention
tWRI_EEP
At 100
C
10
Year
Temperature Conversion
Resolution in °C [b]
RESTEMP
-20 to 125°C, 8-bit mode
0.64
0.96
1.6
°C
-20 to 125°C, 14-bit mode
0.01
0.015
0.025
Nonlinearity First Order Fit [b], [d]
INLCDC
-20 to 125°C
±0.5
±1
°C
Nonlinearity Second Order Fit [b], [e]
INLCDC
-20 to 125°C
±0.2
±0.4
°C
Voltage Dependency [b]
PSRTEMP
VSUPPLY > VREG+0.25V
0.03
0.1
°C/V
1.8V ≤ VSUPPLY ≤ VREG + 0.25V
1.25
2.25
PDM Output
Output Range [b]
VPDM_Range
10
90
%VSUPPLY
PDM Frequency
fPDM
fSYS/8
kHz
Filter Settling Time [b], [f]
tSETT
0% to 90% LP filter 10k
/400nF
9.2
ms
Ripple [b], [f]
VRIPP
0% to 90% LP filter 10k
/400nF
1.0
mV/V
PDM Additional Error (Including
Ratiometricity Error) [b]
EPDM
-20 to 125
C
0.1
0.5
%
Digital I/O
Voltage Output Level Low
VOL
0
0.2
VSUPPLY
Voltage Output Level High
VOH
0.8
1
VSUPPLY
Voltage Input Level Low
VIL
0
0.2
VSUPPLY
Voltage Input Level High
VIH
0.8
1
VSUPPLY
Communication Pin Input Capacitance [b]
CIN
10
pF
Total System
Capacitive Tolerance Between Parts [b]
Ctol
All capacitive values in the
specification are subject to this
variation
±10
%
Trimmed System Frequency
fSYS
All timing in this specification is subject
to this variation.
1.76
1.85
2.25
MHz
Frequency Variation Over Voltage and
Temperature
fvar
All timing in this specification is subject
to this variation.
±10
%
Start-Up-Time [b], [g], [h]
Power-on (POR) to Data Ready
tSTA
Fastest and slowest settings
4.25
55
ms
Update Rate (Update Mode) [b], [g], [h]
tRESP_UP
Fastest and slowest settings
0.70
165
ms
Response Time (Sleep Mode) [b], [g], [h]
tRESP_SL
Fastest and slowest settings
1.25
45
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com