Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3122AI3BN Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ZSSC3122AI3BN
Description  cLite™ Low-Voltage Capacitive Sensor Signal Conditioner
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3122AI3BN Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ZSSC3122AI3BN Datasheet HTML 3Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 4Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 5Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 6Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 7Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 8Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 9Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 10Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 59 page
background image
ZSSC3122 Datasheet
© 2018 Integrated Device Technology, Inc.
7
June 8, 2018
Pin
Name
Description
Notes
9
Alarm_High
High alarm output
If not used, must be unconnected.
10
Ready/PDM_C
Ready signal (conversion complete
output)
Capacitance PDM
(see Table 10.8)
If not used, must be unconnected.
11
VSS
Ground supply
Must connect to GND.
12
SDA/MISO
I2C data if in I2C Mode
Master-In-Slave-Out if in SPI Mode
(see Table 10.8)
If not used, must connect to VDD.
13
SCL/SCLK
I2C clock if in I2C Mode
Serial clock if in SPI Mode
(see Table 10.8)
If not used, must connect to VDD.
14
SS
Slave Select (input) if in SPI Mode
(see Table 10.8)
If not used, must be unconnected.
3. Absolute Maximum Ratings
Parameter
Symbol
Min
Typ
Max
Units
Analog Supply Voltage
VDD
-0.3
6.0
V
Voltages at Analog I/O – In Pin
VINA
-0.3
VDD+0.3
V
Voltages at Analog I/O – Out Pin
VOUTA
-0.3
VDD+0.3
V
Storage Temperature Range
TSTOR
-55
150
°C
4. Operating Conditions
See important footnotes at the end of the following table.
Parameter
Symbol
Min
Typ
Max
Units
Supply Voltage to Gnd
VSUPPLY
1.8
5.5
V
Ambient Temperature Range [a]
TAMB
-20
125
C
Output Pads/Pins Drive Strength [b]
IOUT
1.5
20
mA
External Capacitance between VDD pin and Gnd
CVSUPPLY
100
220
470
nF
External Capacitance between Vcore and Gnd—Sleep Mode
CVCORE_SM
10
110
nF
External Capacitance between Vcore and Gnd—Update Mode
CVCORE_UM
90
330
nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com