Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3122AI3BN Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # ZSSC3122AI3BN
Description  cLite™ Low-Voltage Capacitive Sensor Signal Conditioner
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3122AI3BN Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button ZSSC3122AI3BN Datasheet HTML 29Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 30Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 31Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 32Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 33Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 34Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 35Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 36Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 59 page
background image
ZSSC3122 Datasheet
© 2018 Integrated Device Technology, Inc.
33
June 8, 2018
10.6.5.2 SPI Measurement Request
The SPI MR is used to wake up the device in Sleep Mode and start a complete measurement cycle starting with a temperature
measurement/temperature DSP calculation, followed by a capacitance measurement / capacitance DSP calculations, and then the results are
written to the digital output register. As shown in Figure 10.13, executing an SPI MR command is a read of 8 bits, ignoring the data that is
returned.
Note: The SPI MR function can also be accomplished by performing a full SPI Data Fetch (see section 10.6.4.2) and ignoring the invalid data
that will be returned.
Figure 10.13 SPI MR
10.6.6 Ready Pin
A rise on the Ready pin indicates that new data is ready to be fetched from either the I2C or SPI interface. The Ready pin stays high until a
Data Fetch (DF) command is sent (see section 10.6.3); it stays high even if additional measurements are performed before the DF. In Sleep
Mode, sending a Measurement Request (MR) command resets the Ready pin.
The Ready pin’s output driver type is selectable as either full push-pull or open drain via the Ready_Open_Drain bit in EEPROM word
Cust_Config (see Table 12.5 for bit assignments and settings). Point-to-point communication most likely uses the full push-pull driver. If an
application requires interfacing to multiple parts, then the open-drain option can allow for just one wire and one pull-up resistor to connect all
the parts in a bus format.
10.7 PDM (Pulse Density Modulation)
PDM outputs for both corrected capacitance and temperature are available. PDM_C (capacitance PDM) appears on the READY/PDM_C pin,
and PDM_T (temperature PDM) appears on the ALARM_LOW/PDM_T pin if enabled using the Output_Selection bits (see Table 12.2). The
typical PDM frequency is 231.25kHz (i.e., the oscillator frequency 1.85MHz
 minimum/maximum corners of the oscillator frequency divided
by 8). Both PDM signals are 14-bit values. In PDM Mode, the ZSSC3122 must be programmed to Update Mode (see section 10.3.1). Every
time a conversion cycle has finished, the PDM will begin outputting the new value.
An analog output value is created by low-pass filtering the output; a simple first-order RC filter will work in this application.
Select the time constant of the filter based on the requirements for settling time and/or peak-to-peak ripple.
Important: The resistor of the RC filter must be ≥10k
.
Table 10.12 shows some filter examples using a 10k
 resistor.
SCLK
MISO
SS
x
x
Ignore Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com