Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3122AI3BN Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # ZSSC3122AI3BN
Description  cLite™ Low-Voltage Capacitive Sensor Signal Conditioner
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3122AI3BN Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button ZSSC3122AI3BN Datasheet HTML 24Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 25Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 26Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 27Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 28Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 29Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 30Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 31Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 59 page
background image
ZSSC3122 Datasheet
© 2018 Integrated Device Technology, Inc.
28
June 8, 2018
10.5 Output Modes
The ZSSC3122 has four different output modes as shown in Table 10.7. See the corresponding reference sections for specifics on each mode.
Table 10.7 Output Modes
Output Mode
Reference Sections
I2C
Section 10.6
Read only SPI
PDM
Section 10.7
Alarms
Section 10.8
As described in the pin configuration in section 2, the output communication modes share pins. The Output_Selection bits in EEPROM word
ZMDI_Config (see section 12.1) select which of these outputs will be enabled. Table 10.8 shows the pin configuration for the different output
selections.
Table 10.8 Pin Assignment for Output Selections
Output Selection
I2C (001BIN)
SPI (011BIN)
PDM_C (100BIN)
PDM_C+T (110BIN)
Pin 8
Alarm_ Low
Alarm_Low
Alarm_Low
PDM_T
Pin 9
Alarm_High
Alarm_High
Alarm_High
Alarm_High
Pin 10
Ready
Ready
PDM_C
PDM_C
Pin 12
SDA
MISO
SDA
SDA
Pin 13
SCL
SCLK
SCL
SCL
Pin 14
No input
SS
No input
No Input
10.6 I2C and SPI
Two wire I2C and three-wire read-only SPI are available for fetching data from the ZSSC3122. I2C is used to send calibration commands to the
ZSSC3122. To choose I2C or SPI, set the corresponding Output_Selection Bits in EEPROM word ZMDI_Config.
10.6.1 I2C Features and Timing
The ZSSC3122 uses an I2C-compatible communication protocol1 with support for 100kHz and 400kHz bit rates. The ZSSC3122 I2C slave
address (00HEX to 7FHEX) is selected by the Device_ID bits in the Cust_Config EEPROM word (see Table 12.5 for bit assignments). The device
will respond only to this address if the communication lock is set by programming 011BIN in the Comm_lock bits in the ZMDI_Config EEPROM
word (see Table 12.2 for bit assignments); otherwise, the device will respond to all I2C addresses. The factory setting for the I2C slave address
is 28HEX with Comm_lock set. See Figure 10.8 for the I2C timing diagram and Table 10.9 for definitions of the parameters shown in the diagram.
1
For details, refer to http://www.standardics.nxp.com/literature/books/i2c/pdf/i2c.bus.specification.pdf or other websites for this specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com