Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3122AI3BN Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # ZSSC3122AI3BN
Description  cLite™ Low-Voltage Capacitive Sensor Signal Conditioner
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3122AI3BN Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button ZSSC3122AI3BN Datasheet HTML 19Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 20Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 21Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 22Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 23Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 24Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 25Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 26Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 59 page
background image
ZSSC3122 Datasheet
© 2018 Integrated Device Technology, Inc.
23
June 8, 2018
Table 10.2 Update Rate Settings
Note: All time values shown are typical; for the worst case values, multiply by 1.1 (nominal frequency ±10%).
Update_Rate
Power Down Period (ms)
00BIN
0
01BIN
5
10BIN
25
11BIN
125
Figure 10.4
Measurement Sequence in Update Mode
Power down period
depends on selected
update rate
Write new corrected
signal measurement
to output register
(I2C, SPI, PDMs,
Alarms)
Power Down
Power Down
Power Down
Cap
Conv
ZSSC3122
Core Activity
Cap
Calc
Temp
Calc
Temp
Conv
Cap
Calc
Cap
Conv
Cap
Calc
Cap
Conv
Write new corrected
signal measurement
to output register
(I2C, SPI, PDMs,
Alarms)
Write new corrected
signal measurement
to output register
(I2C, SPI, PDMs,
Alarms)
Temperature is
measured after every
sixth capacitive
measurement
Note: See section 10.2 for measurement cycle timing.
To calculate the total time between capacitive measurements in Update Mode, add the measurement cycle timing from section 10.2 and the
power down timing from Table 10.2. Typical settings might be a capacitance measurement with a resolution of 12-bits.
In this example, the time between measurements = (4.5ms + 0.1ms + 0.3ms) + (power down period). Table 10.3 shows the time between
measurements for the different update rate settings and bit resolutions.
Temperature measurements are performed every six capacitive measurements. The actual frequency of temperature conversions varies with
the update rate and AFE configuration settings. As shown in Figure 10.4, when a temperature measurement is performed, a capacitance
measurement occurs immediately after; as a result, the total measurement cycle time is increased by the length of the temperature
conversion/temperature DSP calculation.
To calculate the total time between temperature measurements in Update Mode, multiply the time between capacitive measurements as
calculated in the above text by six (there are six capacitive measurements to every temperature measurement) and then add the temperature
conversion time/temperature DSP calculation time from Table 10.1 For example, a temperature measurement with a resolution of 12-bits has
a conversion time/DSP calculation time of 4.5ms + 0.25ms (from Table 10.1). Continuing with the above example (12-bit capacitive
measurement), the time between temperature measurements is (capacitance update time * 6) + 4.75ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com