Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3122AI3BN Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # ZSSC3122AI3BN
Description  cLite™ Low-Voltage Capacitive Sensor Signal Conditioner
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3122AI3BN Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button ZSSC3122AI3BN Datasheet HTML 12Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 13Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 14Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 15Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 16Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 17Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 18Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 19Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 59 page
background image
ZSSC3122 Datasheet
© 2018 Integrated Device Technology, Inc.
16
June 8, 2018
OFF
SENSOR
(C
C
)
Z
C
 0
1
SENSOR
C
Z
CC
0
01
RES
CDC
SENSOR
Z
Z

2
RES
CDC
SENSOR
Z
Z

2
OFF
C
.
CDC_Offset
1 44
1pF
9.2.1.2 Single Ended with External Reference
Some sensors include an external reference capacitor as part of the sensor construction. If the external reference capacitance (C1) is constant
or increases with increasing input sensor capacitance (C0), then use CDC output equations (5) to (7). In this case, the CDC_Reference should
be set to zero (see bit setting in Table 12.3).
(5)
(6)
(7)
Where
ZSENSOR
Measured sensor ratio; must be in the range [0 to 1]
C0
Input sensor capacitance
COFF
Zero shift of CDC
C1
External reference capacitance
ZCDC
Digital raw converted capacitance value
RES
Programmable CDC resolution of 8, 10, 12, or 14 bits (see bit setting in Table 12.3)
CDC_Offset
CDC offset trim setting (for selection, see section 9.2.1.4 and for bit setting see Table 12.3)
9.2.1.3 Differential
A differential capacitive sensor includes two capacitors C0 and C1 that are captured as a ratio. The differential sensor is built so that the sensor
input capacitance C0 increases while the external reference capacitance C1 decreases over the input signal range, but the total sum always
remains constant. Equations (8) and (9) describe the CDC output for a differential sensor capacitance measurement. The CDC_Reference and
CDC_Offset capacitor trim bits must be set to zero, and the Differential bit must be set to one. (See Table 12.3 for bit numbers and settings.)
The sum of C0 and C1 must not exceed the maximum input range of 10pF, except when CC is used as a decoupling capacitor.
In differential mode, special sensor types can allow a non-galvanic connection with an external isolating capacitor CCC between the sensor and
the CC pin to avoid wear caused by mechanical moving parts.
(8)
(9)
Where
ZSENSOR
Measured sensor ratio, must be in the range [0 to 1]
C0
Input sensor capacitance (moves in the opposite direction of C1)
C1
External reference capacitance (moves in the opposite direction of C0)
ZCDC
Digital raw converted capacitance value
RES
Programmable CDC resolution of 8, 10, 12, or 14 bits (bit setting in Table 12.3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com