Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3122AI3BN Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ZSSC3122AI3BN
Description  cLite™ Low-Voltage Capacitive Sensor Signal Conditioner
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3122AI3BN Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ZSSC3122AI3BN Datasheet HTML 6Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 7Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 8Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 9Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 10Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 11Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 12Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 13Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 59 page
background image
ZSSC3122 Datasheet
© 2018 Integrated Device Technology, Inc.
10
June 8, 2018
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Parasitic to Gnd Tolerance Including
Package Parasitics
(Pins C0, CC, and C1) [b],
10
pF
Peak-to-Peak Noise at Output
(100 measurements in 14 bit) [b]
NOUT
5
20
LSB
Accuracy
Error, -20 to 125°C [b], [i], [j], [k]
AEout
3V
10%, 3.3V10%, 5V10%
±0.25
±0.75
%FSO
2.5V
10%
±0.50
±1.25
2.0V
10%
±2.5
[a] See section 6 for full details for current consumption in each mode.
[b] Parameter not tested during production but guaranteed by design.
[c] Parameter measured using internal test capacitors (0pF to 7pF in Mult 1).
[d] Assumes optimal calibration points of 0°C and 100°C; see section 8 for more details.
[e] Assumes optimal calibration points of -20°C, 40°C, and 100°C; see section 8 for more details.
[f]
See section 10.7 for more details.
[g] See section 10 for more details.
[h] Timing values are for a nominal oscillator; for worst case, ±10% total frequency variation, multiply by 0.9 (min time) or 1.1 (max time).
[i]
Accuracy specification includes a 2-point temperature calibration for correcting the internal TC.
[j]
Accuracy specification assumes maximum parasitics of 10pF to ground.
[k] Accuracy specification does not include PDM errors; see the PDM Output electrical parameters for additional errors when using PDM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com