Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3122AI3BN Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ZSSC3122AI3BN
Description  cLite™ Low-Voltage Capacitive Sensor Signal Conditioner
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3122AI3BN Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ZSSC3122AI3BN Datasheet HTML 17Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 18Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 19Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 20Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 21Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 22Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 23Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 24Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 59 page
background image
ZSSC3122 Datasheet
© 2018 Integrated Device Technology, Inc.
21
June 8, 2018
10.1 Power-On Sequence
Figure 10.2 shows the power-on sequence of the ZSSC3122. On system power-on reset (POR), the ZSSC3122 wakes as an I2C device
regardless of the output protocol programmed in EEPROM. After power-on reset, the ZSSC3122 enters the command window. It then waits for
a Start_CM command for 3ms if the Fast_Startup EEPROM bit is set or 10ms otherwise (see Table 12.5). If the ZSSC3122 receives the
Start_CM command during the command window, it enters and remains in Command Mode. Command Mode is primarily used in the calibration
environment. See section 11 for details on Command Mode.
If during the power-on sequence, the command window expires without receiving a Start_CM or if the part receives a Start_NOM command in
Command Mode, the device will immediately assume its programmed output mode and will perform one complete measurement cycle. Timing
for the initial measurement is described in section 10.2. At the end of the capacitance DSP calculation, the first data is written to the output
register. Beyond this point, conversions are performed according to the programmed measurement mode settings (see section 10.3).
Figure 10.2
Power-On Sequence with Fast Startup Bit Set in EEPROM
Note: See section 10.2 for timing of the measurement cycle. Timing values shown are typical; for the worst case values, multiply by 1.1
(nominal frequency ±10%).
10.2 Measurement Cycle
Figure 10.3 shows a typical measurement cycle. At the start of a measurement, there is a small wakeup period and then an internal temperature
conversion/temperature DSP calculation is performed followed by a capacitance conversion/capacitance DSP calculation. The length of these
conversions depends on the setting of the Resolution bits (see Table 10.1). The resolution can be found in EEPROM words C_Config and
T_Config (see Table 12.3 and Table 12.4 for bit numbers). Each conversion cycle is followed by a DSP calculation, which uses the programmed
calibration coefficients to calculate corrected temperature and capacitance measurements. In Update Mode, a temperature conversion is not
performed every measurement cycle because it is considered a slower moving quantity. In this case, the measurement cycle timing is the same
as Figure 10.3 without the temperature conversion/ temperature DSP calculation (see section 10.3.1 for more information).
Measurement Cycle
Power applied to device.
Command window starts after
a short power-on-reset window.
1st corrected signal measurement written
to output register (I2C, SPI, PDMs,
Alarms)
Command
Window
Capacitance
Conversion
(Cap Conv)
3ms
When the Fast Startup bit is not set in EEPROM, the
command window is 10ms.
Temperature
Conversion
(Temp Conv)
Temp DSP
Calculation
(Temp Calc)
Cap DSP
Calculation
(Cap Calc)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com