| Electronic Components Datasheet Search |
|
ZSSC3122AI3BN Datasheet(PDF) 24 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ZSSC3122AI3BN Datasheet(HTML) 24 Page - Renesas Technology Corp |
|
24 / 59 page ![]() ZSSC3122 Datasheet © 2018 Integrated Device Technology, Inc. 24 June 8, 2018 Table 10.3 Time Periods between Capacitance Measurements and Temperature Measurements for Different Resolution and Update Rates Total Time between Capacitance Measurements (ms) Total Time between Temperature Measurements (ms) CDC Resolution (Bits) Update Rate 00BIN Update Rate 01BIN Update Rate 10BIN Update Rate 11BIN Update Rate 00BIN Update Rate 01BIN Update Rate 10BIN Update Rate 11BIN 8 0.70 5.70 25.70 125.70 4.75 34.75 154.75 754.75 10 1.55 6.55 26.55 126.55 10.70 40.70 160.70 760.70 12 4.90 9.90 29.90 129.90 34.15 64.15 184.15 784.15 14 18.40 23.40 43.40 143.40 128.65 158.65 278.65 878.65 10.3.1.1 Data Fetch in Update Mode In Update Mode, I2C and SPI are used to fetch data from the digital output register using a Data Fetch (DF) command (see section 10.6.3). Detecting when data is ready to be fetched can be handled either by polling or by monitoring the Ready pin (see section 10.6.6 for details on the Ready pin). The status bits of a DF tell whether or not the data is valid or stale (see section 10.4 regarding the status bits). As shown in Figure 10.5 after a measurement cycle is complete, valid data can be fetched. If the next data fetch is performed too early, the data will be the same as the previous fetch with stale status bits. As shown in Figure 10.5, a rise on the Ready pin can also be used to tell when valid data is ready to be fetched. Figure 10.5 I2C and SPI Data Fetching in Update Mode Note: See section 10.2 for timing of measurements. Ready Pin Power down period depends on selected update rate I2C/SPI Data Fetch Write new corrected signal measurement to output register (I2C or SPI) Power Down Power Down Power Down Cap Conv ZSSC3122 Core Activity Cap Calc Temp Calc Temp Conv Cap Calc Cap Conv Cap Calc Cap Conv Write new corrected signal measurement to output register (I2C or SPI) Write new corrected signal measurement to output register (I2C or SPI) Serial Interface Activity I2C/SPI Data Fetch I2C/SPI Data Fetch I2C/SPI Data Fetch I2C/SPI Data Fetch Stale values Valid read occurs Stale values Valid read occurs Valid read occurs |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |