Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3122AI3BN Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # ZSSC3122AI3BN
Description  cLite™ Low-Voltage Capacitive Sensor Signal Conditioner
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3122AI3BN Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button ZSSC3122AI3BN Datasheet HTML 45Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 46Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 47Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 48Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 49Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 50Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 51Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 52Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 59 page
background image
ZSSC3122 Datasheet
© 2018 Integrated Device Technology, Inc.
49
June 8, 2018
14. Application Circuit Examples
The ZSSC3122 provides functionality for many different configurations. The following examples correspond to the example circuits shown at
the beginning of the specification; however, there are many other possibilities. Combinations of these examples and many other options can
give the user maximum design flexibility. Settings for the configuration registers are given with each example. See Table 12.1 for register
addresses. In the examples below bits 3 and 4 of the ZMDI_Config register are marked with an X because they are calculated during calibration
and are coefficient dependent (see section 13).
14.1 Digital Output with Optional Alarms
In this example, a single-ended input capacitance is converted to the digital domain, corrected, and output via I2C. The configuration settings
are shown in Table 14.1 below. The ZSSC3122 operates in Sleep Mode, in which measurement commands are used during normal operation.
In this example, the I2C address is 28HEX and the Comm_lock is set.
In this application, both Alarm_High and Alarm_Low are used for digital communication. As shown in Table 14.1 below, both alarms are
configured as active high and full push-pull drivers for digital communication.
The AFE configuration registers select 14-bit resolution for capacitance with a capacitance range from 2.9pF to 7.2pF. The internal temperature
is set to 14-bit resolution.
Figure 14.1
Digital Output with Optional Alarms Example
Table 14.1 Example 1: Configuration Settings
Configuration Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
ZMDI_Config (Table 12.2)
0 [a]
0
0
0
1
0
1
1
0
0
0
X
X
0
0
1
Cust_Config (Table 12.5)
0 [a]
0 [a]
0
0
0
0
0
0
0
0
1
0
1
0
0
0
C_Config (Table 12.3)
0 [a]
0
0
0
1
1
0 [a]
0 [a]
0 [a] 0 [a]
0
1
0
0
1
1
T_Config (Table 12.4)
1 [a]
0 [a]
0 [a]
0 [a]
1
1
0 [a]
1 [b]
1 [b] 0 [b]
0 [b]
1 [b] 0 [b]
0 [b]
1 [b] 0 [b]
[a] Reserved setting – do not change factory settings.
[b] The factory settings are set for a full span temperature range from -20°C to +125°C. Do not change this setting unless a different temperature
range is needed.
VSUPPLY (+1.8V to 5.5V)
GND
0.1µF
VDD
Vcore
Ready
VSS
SDA/MISO
SCL/SCLK
C0
SS
Alarm_High
CC
Alarm_Low
cLite™
ZSSC3122
0.1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com