Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3122AI3BN Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # ZSSC3122AI3BN
Description  cLite™ Low-Voltage Capacitive Sensor Signal Conditioner
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3122AI3BN Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button ZSSC3122AI3BN Datasheet HTML 49Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 50Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 51Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 52Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 53Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 54Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 55Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 56Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 59 page
background image
ZSSC3122 Datasheet
© 2018 Integrated Device Technology, Inc.
53
June 8, 2018
14.5 External Reference Capacitor
This example demonstrates that the full functionality of the ZSSC3122, including the applications illustrated in examples 1, 2, and 3, can be
implemented with an external reference capacitor in conjunction with a single-ended input capacitance. In this example, the digital output is
used. The external reference is used. The configuration settings are shown in Table 14.5.
Example configuration settings show I2C in Sleep Mode with the Comm_lock off so that the ZSSC3122 can respond to any I2C slave address.
Also the Ready pin is configured for open drain so that the Ready lines for multiple devices can be connected together.
The AFE configuration registers select 12-bit resolution for capacitance and 12-bit resolution for internal temperature. This example also shows
an offset setting of 4.3pF.
Figure 14.5
Ext. Reference Input Capacitance Example
VSUPPLY (+1.8V to 5.5V)
GND
0.1µF
VDD
Vcore
Ready
VSS
SDA/MIS O
SCL/SCLK
C0
SS
Alar m_High
C1
Alar m_Low
cLite
ZSSC3122
0.1µF
CC
Ref.
Cap
Table 14.5 Example 5: Configuration Settings
Configuration Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
ZMDI_Config (Table 12.2)
0 [a]
0
0
0
1
0
0
0
0
0
0
X
X
0
0
0
Cust_Config (Table 12.5)
0 [a]
0 [a]
0
1
0
0
0
0
0
0
1
0
1
0
0
0
C_Config (Table 12.3)
0 [a]
0
0
0
1
0
0 [a]
0 [a]
0 [a]
0 [a]
0
1
1
0
0
0
T_Config (Table 12.4)
1 [a]
0 [a]
0 [a]
0 [a]
1
0
0 [a]
1 [b]
1 [b]
0 [b]
0 [b]
1 [b]
0 [b]
0 [b]
1 [b]
0 [b]
[a] Reserved setting – do not change factory settings.
[b] The factory settings are set for a full span temperature range from -20°C to +125°C. Do not change this setting unless a different temperature
range is needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com