Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3122AI3BN Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ZSSC3122AI3BN
Description  cLite™ Low-Voltage Capacitive Sensor Signal Conditioner
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3122AI3BN Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ZSSC3122AI3BN Datasheet HTML 10Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 11Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 12Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 13Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 14Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 15Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 16Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 17Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 59 page
background image
ZSSC3122 Datasheet
© 2018 Integrated Device Technology, Inc.
14
June 8, 2018
9. Circuit Description
9.1
Signal Flow and Block Diagram
As seen in Figure 9.1, the ZSSC3122 comprises three main blocks: the analog core, digital core, and output communication. The capacitive
input is first sampled by the analog core using a charge-balancing CDC and is adjusted for the appropriate capacitance range using the
CDC_Offset, and CDC_Reference. The digital core corrects the digital sample with an on-chip digital signal processor (DSP), which uses
coefficients stored in EEPROM for precise conditioning. An internal temperature sensor can be used to compensate for temperature effects of
the capacitive input. A temperature value can also be calibrated and output as a 14-bit reading.
The corrected capacitance value can be read using four different output types, I2C, SPI, PDM, and alarms. They can all be directly interfaced
with a microcontroller, and optional filtering of the PDM output can provide a ratiometric analog output. The alarm pins can also be used to
control a variety of analog circuitry.
Figure 9.1 ZSSC3122 Block Diagram
ZSSC3122 cLite
Low Voltage Capacitive Sensor Signal Conditioner
Digital Core
Analog Core
Sensor
C0
C1
(Optional)
Output
Communication
MUX
C0
CC
C1
VSS
VDD (1.8V to 5.5V)
Temp
Sensor
CLK/Reset
C/A
D
CDC
Ref
Cap
Off set
Cap
SCL/SCLK
SDA/MIS O
Ready/PDM_C
Ala rm_Low/PDM_T
SS
Ala rm_High
Ready
PDM
I
2C / SPI
Low Alarm
High Alarm
EEPROM
ROM
DSP
0.1µF
0.1µF
Vcore



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com