Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3122AI3BN Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # ZSSC3122AI3BN
Description  cLite™ Low-Voltage Capacitive Sensor Signal Conditioner
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3122AI3BN Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button ZSSC3122AI3BN Datasheet HTML 41Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 42Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 43Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 44Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 45Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 46Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 47Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 48Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 59 page
background image
ZSSC3122 Datasheet
© 2018 Integrated Device Technology, Inc.
45
June 8, 2018
12.3 Temperature Analog Front-End Configuration (T_Config, EEPROM Word 11HEX)
This register is loaded immediately before a capacitance measurement is taken, so a power cycle is not needed for changes to take effect.
Table 12.4 T_Config Bit Assignments
Bit Range
IC Default
Name
Description and Notes
2:0
010BIN
CDC_Reference
CDC reference capacitor selection. The factory settings are set for a full span
temperature range from -20°C to +125°C.
Note: Do not change this setting from the factory setting unless a different
temperature range is needed.
5:3
010BIN
CDC_Offset
CDC offset capacitor selection. The factory settings are set for a full span
temperature range from -20°C to +125°C.
Note: Do not change this setting from the factory setting unless a different
temperature range is needed.
8:6
110BIN
Temp_Trim
Trim setting used for the temperature measurement. The factory settings are
set for a full span temperature range from -20°C to +125°C.
Note: Do not change this setting from the factory setting unless a different
temperature range is needed.
9
0BIN
Not Available
Do Not Change – must leave at factory settings.
11:10
11BIN
Resolution
Temperature resolution and sample rate:
00BIN = 8 bits at 0.7ms rate
01BIN = 10 bits at 1.6ms rate
10BIN = 12 bits at 5.0ms rate
11BIN = 14 bits at 18.5ms rate
Note: All time values shown are typical; for the worst case values, multiply by
1.1 (nominal frequency ±10%).
15:12
1000BIN
Not Available
Do Not Change – must leave at factory settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com