Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3122AI3BN Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # ZSSC3122AI3BN
Description  cLite™ Low-Voltage Capacitive Sensor Signal Conditioner
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3122AI3BN Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button ZSSC3122AI3BN Datasheet HTML 30Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 31Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 32Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 33Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 34Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 35Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 36Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 37Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 59 page
background image
ZSSC3122 Datasheet
© 2018 Integrated Device Technology, Inc.
34
June 8, 2018
 
 
VPP mV / V
(R k
C nF )

4324
 
 
 
SETT
t
.
R
C
ms
0 0023
nF
Ω
k
* clip _ level _%
PDM _Clip ROUND(
)
14
2
100
Table 10.12 Low Pass Filter Example for R = 10k
Filter Capacitance (nF)
PDM_C
Desired Analog
Output Resolution
VPP Ripple (mV/V)
0 to 90% Settling Time (ms)
100
4.3
2.3
8
400
1.0
9.2
10
1600
0.3
36.8
12
6400
0.1
147.2
14
For a different (higher) resistor, the normalized ripple VPP[mV/V] can be calculated as
(14)
or the settling time tSETT for a 0% to 90% settling can be calculated as
(15)
ZSSC3122 provides high and low clipping limits for the PDM output. EEPROM words PDM_Clip_High and PDM_Clip_Low (EEPROM registers
16HEX and 17HEX; see Table 12.1) are the 14-bit high and low clipping limit registers respectively. The 14-bit values map directly to the output of
the IC and can be calculated as
(16)
These registers apply to both PDM_C and PDM_T. Since diagnostics are reported in the PDM pin (see section 10.4), clipping limits allow
diagnostics to be differentiated from the normal output. For detection of the diagnostic signal, a PDM_Clip_High limit of 97.5% (3E66HEX) or
lower is recommended.
Important: The default values for the high and low clipping limits (00HEX) are not compatible with PDM output, so the clipping limits must be
changed if the PDM output is used. Otherwise, the PDM output will not work as expected. If the PDM output is not used, it is important to retain
the default values of 00HEX for the clipping limits.
10.8 Alarm Output
The alarm output can be used to monitor whether a corrected capacitance reading has exceeded or fallen below pre-programmed values. The
alarm can be used to drive an open-drain load connected to VDD, as demonstrated in section 14.2, or it can function as a full push-pull driver.
If a high voltage application is required, external devices can be controlled with the Alarm pins, as demonstrated in section 14.3.
The two alarm outputs can be used at the same time, and these alarms can be used in combination with any of the other three modes; I2C,
SPI, or PDM.
Note: When both PMD_C and PDM_T are selected only Alarm_High is available (see section 10.5).
The alarm outputs are updated when a conversion cycle is completed. The alarm outputs can be used in both Update Mode and Sleep Mode,
but if Sleep Mode is used, I2C or SPI must also be used to control the measurements (see section 10.3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com