Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3122AI3BN Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ZSSC3122AI3BN
Description  cLite™ Low-Voltage Capacitive Sensor Signal Conditioner
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3122AI3BN Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ZSSC3122AI3BN Datasheet HTML 9Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 10Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 11Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 12Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 13Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 14Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 15Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 16Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 59 page
background image
ZSSC3122 Datasheet
© 2018 Integrated Device Technology, Inc.
13
June 8, 2018
8. Temperature Sensor Nonlinearity
Temperature sensor nonlinearity can vary depending on the type of calibration and the selected calibration points. It is highly recommended
that a temperature calibration is done with calibration points at least 20°C apart from each other. Figure 8.1 and Figure 8.2 show the resulting
nonlinearity error for the full temperature range (-20°C to 125°C) using the optimal calibration points, 0°C and 100°C for a first-order fit and -
20°C, 40°C, and 100°C for a second-order fit.
Figure 8.1 First Order Fit (Typical Part)
Figure 8.2 Second Order Fit (Typical Part)
Temperature Error
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
-50
0
50
100
150
Temperature (°C)
2.5V
3V
5V
Temperature Error
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
-50
0
50
100
150
Temperature (°C)
2.5V
3V
5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com