Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3122AI3BN Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ZSSC3122AI3BN
Description  cLite™ Low-Voltage Capacitive Sensor Signal Conditioner
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3122AI3BN Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ZSSC3122AI3BN Datasheet HTML 7Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 8Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 9Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 10Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 11Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 12Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 13Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 14Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
ZSSC3122 Datasheet
© 2018 Integrated Device Technology, Inc.
11
June 8, 2018
6. Current Consumption Graphs
Part current consumption depends on a number of different factors including voltage, temperature, capacitive input, resolution, and power down
time. The best way to calculate the ZSSC3122’s power consumption is to measure the current consumption with the actual setup. If
measurement is not possible, then the graphs in this section can provide a starting point for estimating the current consumption.
6.1
Update Mode Current Consumption
Figure 6.1 Best Case Settings (Typical Part)
* Parameter is not within required temperature specifications (-40°C).
Figure 6.2 Worst Case Settings (Typical Part)
* Parameter is not within required temperature specifications (-40°C).
6.2
Sleep Mode Current Consumption
Figure 6.3 Typical Current Consumption during Sleep Mode (No Measurements)
* Parameter is not within required temperature specifications (-40°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com