Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3122AI3BN Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # ZSSC3122AI3BN
Description  cLite™ Low-Voltage Capacitive Sensor Signal Conditioner
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3122AI3BN Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button ZSSC3122AI3BN Datasheet HTML 37Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 38Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 39Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 40Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 41Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 42Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 43Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 44Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 59 page
background image
ZSSC3122 Datasheet
© 2018 Integrated Device Technology, Inc.
41
June 8, 2018
12. EEPROM
The EEPROM array contains the calibration coefficients for gain and offset, etc., and the configuration bits for the analog front-end, output
modes, measurement modes, etc. The ZSSC3122 EEPROM is arranged as 32 16-bit words (see Table 12.1). The EEPROM is divided into two
sections. Words 0HEX to 15HEX can only be written to if the EEPROM is unlocked. After the EEPROM is locked, these locations can no longer
be written to. The EEPROM lock bits are in the ZMDI_Config register (see Table 12.2 for the bit assignment). Words 16HEX to 1FHEX (highlighted
blue in Table 12.1) are always unlocked and available to write to at all times. See section 11 for instructions on reading and writing to the
EEPROM in Command Mode via the I2C interface. When programming the EEPROM, an internal charge pump voltage is used; therefore a
high voltage supply is not needed.
Note: If the EEPROM was accidentally locked, it can be unlocked with the following instructions (see section 11 for how to send commands).
1. Enter Command Mode with a Start_CM command.
2. Send an A2HEX for the command byte and 0000HEX for the command data.
3. Send an F0HEX for the command byte and 0021HEX for the command data.
4. Clear the EEPROM_Lock bits in the ZMDI_Config register with an EEPROM Write command.
5. Reset the part.
There are four Customer_ID words available for customer use: two in the locked region and two in the unlocked region. They can be used as a
customer serial number for module traceability. (See Table 12.1 for Customer_ID EEPROM addresses.) The integrity of the contents of the
EEPROM array is ensured via ECC (see section 10.4.1).
Table 12.1 provides a summary of the EEPROM contents. The configuration register bits are explained in detail in the following subsections.
Table 12.1 EEPROM Word Assignments
EEPROM Word
Bit
Range
IC Default
Name
Description and Notes
00HEX
15:0
XXXXHEX
Cust_ID0
Customer ID byte 0: For use by customer (default value is the
upper 16 bits of the lot number).
01HEX
15:0
XXXXHEX
(LLLLLLLLBIN
0000ssssBIN)
Cust_ID1
Customer ID byte 1: For use by customer (default value is the
lower 8 bits of the lot number and an 8 bit wafer number).
02HEX
15:0
0B00HEX
ZMDI_Config
IDT configuration register (see section 12.1).
03HEX
15:0
0006HEX
Not Available
Do not change; must leave at factory settings.
04HEX
15:0
00FTHEX
Not Available
Do not change; must leave at factory settings.
Note: The T in the default setting for EEPROM word 04HEX
represents the custom trim value determined by final test. Do not
change this setting.
05HEX
15:0
0000HEX
Not Available
Do not change; must leave at factory settings.
06HEX
15:0
0C06HEX
C_Config
AFE capacitance configuration register (see Table 12.3).
07HEX
15:0
0000HEX
SOT_tco
2nd order temperature offset correction for capacitance.
08HEX
15:0
0000HEX
Tco
Temperature offset correction for capacitance.
09HEX
15:0
0000HEX
SOT_tcg
2nd order temperature gain correction for capacitance.
0AHEX
15:0
0000HEX
Tcg
Temperature gain correction for capacitance.
0BHEX
15:0
0000HEX
Offset
Offset correction for capacitance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com