Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3122AI3BN Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # ZSSC3122AI3BN
Description  cLite™ Low-Voltage Capacitive Sensor Signal Conditioner
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3122AI3BN Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button ZSSC3122AI3BN Datasheet HTML 18Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 19Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 20Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 21Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 22Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 23Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 24Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 25Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 59 page
background image
ZSSC3122 Datasheet
© 2018 Integrated Device Technology, Inc.
22
June 8, 2018
Figure 10.3
Measurement Cycle Timing
Note: All time values shown are typical; for the worst case values, multiply by 1.1 (nominal frequency ±10%).
Table 10.1 CDC Resolution and Conversion Times
EEPROM Encoding
CDC Resolution (Bits)
Temperature Conversion Time (ms) [a]
Capacitance Conversion Time (ms) [a]
00BIN
8
0.30
0.30
01BIN
10
1.15
1.15
10BIN
12
4.50
4.50
11BIN
14
18.0
18.0
[a] All time values shown are typical; for the worst case values, multiply by 1.1 (nominal frequency ±10%).
10.3 Measurement Modes
The ZSSC3122 can be programmed to operate in either Sleep Mode or Update Mode. The measurement mode is selected with the
Measurement_Mode bit in the ZMDI_Config EEPROM word (see Table 12.2). In Update Mode, measurements are taken at a fixed, selectable
rate (see section 10.3.1). In Sleep Mode, the part waits for commands from the master before taking measurements (see section 10.3.2).
Figure 10.1 shows the differences in operation between the two measurement modes.
10.3.1 Update Mode
In Update Mode, the digital core will perform conversions at an update rate selected with the Update_Rate bits in the ZMDI_Config EEPROM
word (see Table 12.2). Table 10.2 shows the power-down periods between conversions for the four Update_Rate settings. The benefit of slower
update rates is power savings. Update Mode is compatible with all the different output modes; I2C, SPI, PDMs, and the Alarms. As shown in
Figure 10.4, at the completion of a measurement cycle, the digital output register, PDMs, and/or Alarms will be updated before powering down.
When the power-down period expires, the ZSSC3122 will wake up and perform another measurement cycle. If the part is programmed for the
fastest update rate, there is no power down period, and measurements happen continuously.
Corrected signal measurement written
to output register (I2C, SPI, PDM, or
Alarms)
Temperature
Conversion
(Temp Conv)
0.30ms
1.15ms
4.5ms
18.0ms
Legend:
Timing for 8-bit resolution
Timing for 10-bit resolution
Timing for 12-bit resolution
Timing for 14-bit resolution
0.10ms
Temperature DSP
Calculation
(Temp Calc)
Capacitance
Conversion
(Cap Conv)
Capacitance DSP
Calculation
(Cap Calc)
0.30ms
0.30ms
1.15ms
4.50ms
18.0ms
0.25ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com