Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3122AI3BN Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ZSSC3122AI3BN
Description  cLite™ Low-Voltage Capacitive Sensor Signal Conditioner
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3122AI3BN Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ZSSC3122AI3BN Datasheet HTML 2Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 3Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 4Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 5Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 6Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 7Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 8Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 9Page - Renesas Technology Corp ZSSC3122AI3BN Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 59 page
background image
ZSSC3122 Datasheet
© 2018 Integrated Device Technology, Inc.
6
June 8, 2018
1. Pin Assignments
The standard package for the ZSSC3122 is a 14-TSSOP (4.4 ±0.1mm
 5.0 ±0.1mm) with lead-pitch 0.65mm.
Figure 1.1 Pin Assignments for 4.4
 5.0 mm 14-TSSOP – Top View
1
2
3
4
5
6
7
14
13
12
11
10
9
8
VCORE
CC
Alarm_Low/PDM_T
VSS
C1
VSS
C0
VDD
Alarm_High
Ready/PDM_C
VSS
SCL/SCLK
SS
SDA/MISO
2. Pin Descriptions
Table 2.1 ZSSC3122 Pin Assignments for TSSOP-14
Pin
Name
Description
Notes
1
VCORE
Core voltage
Always connect to an external capacitor to Gnd that is within the
specifications given in section 5 for CVCORE_SM and CVCORE_UM. This is
the only internal module pin. Refer to section 15 for ESD details.
2
C0
Capacitor input 0
3
VSS
Ground supply
Connecting to GND for shielding is strongly recommended.
4
CC
Common capacitor input
5
VSS
Ground supply
Connecting to GND for shielding is strongly recommended.
6
C1
Capacitor input 1
If not used, must be unconnected.
7
VDD
Supply voltage (1.8V to 5.5V)
Must connect to Vsupply.
8
Alarm_Low/PDM_T Low alarm output
Temperature PDM
(see Table 10.8)
If not used, must be unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com