Electronic Components Datasheet Search
  English  ▼

X  

LXT386LE Datasheet(PDF) 64 Page - Intel Corporation

Part # LXT386LE
Description  QUAD T1/E1/J1 Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT386LE Datasheet(HTML) 64 Page - Intel Corporation

Back Button LXT386LE Datasheet HTML 60Page - Intel Corporation LXT386LE Datasheet HTML 61Page - Intel Corporation LXT386LE Datasheet HTML 62Page - Intel Corporation LXT386LE Datasheet HTML 63Page - Intel Corporation LXT386LE Datasheet HTML 64Page - Intel Corporation LXT386LE Datasheet HTML 65Page - Intel Corporation LXT386LE Datasheet HTML 66Page - Intel Corporation LXT386LE Datasheet HTML 67Page - Intel Corporation LXT386LE Datasheet HTML 68Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 78 page
background image
LXT386 — QUAD T1/E1/J1 Transceiver
64
Datasheet
Valid write signal pulse width
Tvwr
60
––
ns
Inactive write to inactive INT delay time
Tint
––
10
ns
Chip select to RDY delay time3
Tdrdy
0
–
12
ns
Active ready Low time
Tvrdy
––
40
ns
Inactive ready to tri-state delay time3
Trdyz
––
3ns
Figure 23. Non-Multiplexed Intel Mode Write Timing
Table 47. Intel Mode Write Timing Characteristics (Continued)
Parameter2
Sym
Min
Typ1
Max
Unit
Test Conditions
1. Typical figures are at 25 C and are for design aid only; not guaranteed and not subject to production testing.
2. CL= 100pF on D0-D7, all other outputs are loaded with 50pF.
3. These times don’t apply for Reset Register 0Ah, since RDY line goes low once during the cycle. Please refer to Reset
Operation and Host Mode sections for more information.
A4-A0
ALE
D7-D0
RDY
Tristate
Tristate
ADDRESS
CS
WR
INT
tSCSW
tVWR
tDRDY
tVRDY
tHCSW
WRITE DATA
tSDW
tHDW
tINT
tDRDY
tRDYZ
(pulled High)
tSAW
tHAW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com