Electronic Components Datasheet Search
  English  ▼

X  

LXT386LE Datasheet(PDF) 42 Page - Intel Corporation

Part # LXT386LE
Description  QUAD T1/E1/J1 Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT386LE Datasheet(HTML) 42 Page - Intel Corporation

Back Button LXT386LE Datasheet HTML 38Page - Intel Corporation LXT386LE Datasheet HTML 39Page - Intel Corporation LXT386LE Datasheet HTML 40Page - Intel Corporation LXT386LE Datasheet HTML 41Page - Intel Corporation LXT386LE Datasheet HTML 42Page - Intel Corporation LXT386LE Datasheet HTML 43Page - Intel Corporation LXT386LE Datasheet HTML 44Page - Intel Corporation LXT386LE Datasheet HTML 45Page - Intel Corporation LXT386LE Datasheet HTML 46Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 78 page
background image
LXT386 — QUAD T1/E1/J1 Transceiver
42
Datasheet
Table 22. Automatic TAOS Select Register, ATS (0EH)
Bit1
Name
Function
3-0
ATS3-ATS0
Setting a bit to “1” enables automatic TAOS generation whenever a LOS condition is
detected in the respective transceiver.
7-4
-
Write “0” to these positions for normal operation.
1. On power-on reset the register is set to “0”.
2. This feature is not available in data recovery and line driver mode (MCLK= High and TCLK = High)
Table 23. Global Control Register, GCR (0FH)
Bit1
Name
Function
0
JASEL0
These bits determine the jitter attenuator position:
1
JASEL1
2JACF
This bit determines the jitter attenuator low limit 3dB corner frequency. Refer to the Jitter
Attenuator specifications for details (Table 41 on page 58).
3FIFO64
This bit determines the jitter attenuator FIFO depth:
0 = 32 bit
1 = 64 bit
4CODEN
This bit selects the zero suppression code for unipolar operation mode:
0 = B8ZS/HDB3 (T1/E1 respectively)
1 = AMI
5
CDIS
This bit controls enables/disables the short circuit protection feature:
0 = enabled
1 = disabled
6
RAISEN
This bit controls automatic AIS insertion in the receive path when LOS occurs:
0 = Receive AIS insertion disabled on LOS
1 = RPOS/RNEG = AIS on LOS
Note: this feature is not available in data recovery mode (MCLK=High). Disable AIS
interrupts when changing this bit value to prevent inadvertent interrupts.
7
-
Reserved.
1. On power-on reset the register is set to “0”.
JASEL0
JASEL1
JA Position
1
0
Transmit Path
11
Receive Path
0
x
Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com