Electronic Components Datasheet Search
  English  ▼

X  

LXT386LE Datasheet(PDF) 37 Page - Intel Corporation

Part # LXT386LE
Description  QUAD T1/E1/J1 Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT386LE Datasheet(HTML) 37 Page - Intel Corporation

Back Button LXT386LE Datasheet HTML 33Page - Intel Corporation LXT386LE Datasheet HTML 34Page - Intel Corporation LXT386LE Datasheet HTML 35Page - Intel Corporation LXT386LE Datasheet HTML 36Page - Intel Corporation LXT386LE Datasheet HTML 37Page - Intel Corporation LXT386LE Datasheet HTML 38Page - Intel Corporation LXT386LE Datasheet HTML 39Page - Intel Corporation LXT386LE Datasheet HTML 40Page - Intel Corporation LXT386LE Datasheet HTML 41Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 78 page
background image
QUAD T1/E1/J1 Transceiver — LXT386
Datasheet
37
occurs, the INT pin is asserted Low. The output stage of the INT pin consists only of a pull-down
device; an external pull-up resistor of approximately 10k ohm is required to support wired-OR
operation.
3.13.2
Interrupt Clear
When an interrupt occurs, the interrupt service routine (ISR) should read the interrupt status
registers (08H, 09H and 15H) to identify the interrupt source. Reading the Interrupt Status register
clears the “sticky” bit set by the interrupt. Automatically clearing the register prepares it for the
next interrupt.
The ISR should then read the corresponding status monitor register to obtain the current status of
the device. Note that there are three status monitor registers: the LOS (04H), the DFM (05H) and
the AIS (013H). Reading either status monitors register will clear its corresponding interrupts on
the rising edge of the read or data strobe. When all pending interrupts are cleared, the INT pin goes
High.
3.14
Serial Host Mode
The LXT386 operates in Serial Host Mode when the MODE pin is tied to VCC
÷2. Figure 14 shows
the SIO data structure. The registers are accessible through a 16 bit word: an 8bit Command/
Address byte (bits R/W and A1-A7) and a subsequent 8bit data byte (bits D0-7). Bit R/W
determines whether a read or a write operation occurs. Bits A5-0 in the Command/Address byte
address specific registers (the address decoder ignores bits A7-6). The data byte depends on both
the value of bit R/W and the address of the register as set in the Command/Address byte.
Figure 14. Serial Host Mode Timing
CS
SCLK
ADDRESS/COMMAND BYTE
INPUT DATA BYTE
R/W
A1
A2
A3
A4
A5
A6
A7
D0
D1
D2
D3
D4
D5
D6
D7
SDI
SDO - REMAINS HIGH Z
R/W = 1: Read from the LXT386
X = Don’t care
X
X
SDO IS DRIVEN IF R/W = 1
R/W = 0: Write to the LXT386



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com