Electronic Components Datasheet Search
  English  ▼

X  

LXT386LE Datasheet(PDF) 71 Page - Intel Corporation

Part # LXT386LE
Description  QUAD T1/E1/J1 Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT386LE Datasheet(HTML) 71 Page - Intel Corporation

Back Button LXT386LE Datasheet HTML 67Page - Intel Corporation LXT386LE Datasheet HTML 68Page - Intel Corporation LXT386LE Datasheet HTML 69Page - Intel Corporation LXT386LE Datasheet HTML 70Page - Intel Corporation LXT386LE Datasheet HTML 71Page - Intel Corporation LXT386LE Datasheet HTML 72Page - Intel Corporation LXT386LE Datasheet HTML 73Page - Intel Corporation LXT386LE Datasheet HTML 74Page - Intel Corporation LXT386LE Datasheet HTML 75Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 78 page
background image
QUAD T1/E1/J1 Transceiver — LXT386
Datasheet
71
Table 52. G.703 2.048 Mbit/s Pulse Mask Specifications
Parameter
Cable
Unit
TWP
Coax
Test load impedance
120
75
Ω
Nominal peak mark voltage
3.0
2.37
V
Nominal peak space voltage
0 ±0.30
0 ±0.237
V
Nominal pulse width
244
244
ns
Ratio of positive and negative pulse amplitudes at center of pulse
95-105
95-105
%
Ratio of positive and negative pulse amplitudes at nominal half amplitude
95-105
95-105
%
Figure 31. E1, G.703 Mask Templates
Table 53. T1.102 1.544 Mbit/s Pulse Mask Specifications
Parameter
Cable
Unit
TWP
Test load impedance
100
Ω
Nominal peak mark voltage
3.0
V
Nominal peak space voltage
0 ±0.15
V
Nominal pulse width
324
ns
Ratio of positive and negative pulse amplitudes
95-105
%
20%
0%
(244-25)
219 ns
244 ns
NOMINAL PULSE
488 ns
(244+244)
50%
194 ns
269 ns
(244+25)
(244- 50)
V = 100%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com