Electronic Components Datasheet Search
  English  ▼

X  

LXT386LE Datasheet(PDF) 65 Page - Intel Corporation

Part # LXT386LE
Description  QUAD T1/E1/J1 Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT386LE Datasheet(HTML) 65 Page - Intel Corporation

Back Button LXT386LE Datasheet HTML 61Page - Intel Corporation LXT386LE Datasheet HTML 62Page - Intel Corporation LXT386LE Datasheet HTML 63Page - Intel Corporation LXT386LE Datasheet HTML 64Page - Intel Corporation LXT386LE Datasheet HTML 65Page - Intel Corporation LXT386LE Datasheet HTML 66Page - Intel Corporation LXT386LE Datasheet HTML 67Page - Intel Corporation LXT386LE Datasheet HTML 68Page - Intel Corporation LXT386LE Datasheet HTML 69Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 78 page
background image
QUAD T1/E1/J1 Transceiver — LXT386
Datasheet
65
Figure 24. Multiplexed Intel Mode Write Timing
Table 48. Motorola Bus Read Timing Characteristics
Parameter2
Sym
Min
Typ1
Max
Unit
Test Conditions
Address setup time to address or data strobe
Tsar
10
––
ns
Address hold time from address or data strobe
Thar
5
––
ns
Valid address strobe pulse width
Tvas
95
––
ns
R/W setup time to active data strobe
Tsrw
10
––
ns
R/W hold time from inactive data strobe
Thrw
0
––
ns
Chip select setup time to active data strobe
Tscs
0
––
ns
Chip select hold time from inactive data strobe
Thcs
0
––
ns
Address strobe active to data strobe active delay
Tasds
20
––
ns
Delay time from active data strobe to valid data
Tpds
3
–
30
ns
Delay time from inactive data strobe to data High Z
Tdz
3
–
30
ns
Valid data strobe pulse width
Tvds
60
––
ns
Inactive data strobe to inactive INT delay time
Tint
––
10
ns
Data strobe inactive to address strobe inactive delay
Tdsas
15
––
ns
DS asserted to ACK asserted delay
Tdackp
––
40
ns
DS deasserted to ACK deasserted delay
Tdack
––
10
ns
Active ACK to valid data delay
Tpack
––
0ns
1. Typical figures are at 25 C and are for design aid only; not guaranteed and not subject to production testing.
2. CL= 100pF on D0-D7, all other outputs are loaded with 50pF.
ALE
AD7-AD0
RDY
Tristate
Tristate
ADDRESS
WR
CS
INT
tVL
tSLW
tSCSW
tHALW
tSALW
tDRDY
tVRDY
tVWR
tHCSW
tSDW
WRITE DATA
tHDW
tINT
tDRDY
tDRDYZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com