Electronic Components Datasheet Search
  English  ▼

X  

LXT386LE Datasheet(PDF) 77 Page - Intel Corporation

Part # LXT386LE
Description  QUAD T1/E1/J1 Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT386LE Datasheet(HTML) 77 Page - Intel Corporation

Back Button LXT386LE Datasheet HTML 70Page - Intel Corporation LXT386LE Datasheet HTML 71Page - Intel Corporation LXT386LE Datasheet HTML 72Page - Intel Corporation LXT386LE Datasheet HTML 73Page - Intel Corporation LXT386LE Datasheet HTML 74Page - Intel Corporation LXT386LE Datasheet HTML 75Page - Intel Corporation LXT386LE Datasheet HTML 76Page - Intel Corporation LXT386LE Datasheet HTML 77Page - Intel Corporation LXT386LE Datasheet HTML 78Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 77 / 78 page
background image
QUAD T1/E1/J1 Transceiver — LXT386
Datasheet
77
Figure 37. 100 Pin Low Quad Flat Packages (LQFP) Dimensions
12.00 BSC
14.00 BSC
16.00 BSC
12.00 BSC
14.00 BSC
16.00 BSC
1 23
0.22
±0.05
1.00
REF
0.20
min
0.60
±0.15
DETAIL "A"
0.50
BSC
Pin #1 Index
ALL DIMENSIONS IN MILLIMETERS
All dimensions and tolerances conform to ANSI Y14.5M-1982.
See Detail "A"
1.60
max
1.40 ±0.05
0.05 min
0.15 max
100 Pin LQFP
•
Part Number LXT386LE
•
Extended Temperature Range (-40
°C to 85° C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com