Electronic Components Datasheet Search
  English  ▼

X  

LXT386LE Datasheet(PDF) 59 Page - Intel Corporation

Part # LXT386LE
Description  QUAD T1/E1/J1 Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT386LE Datasheet(HTML) 59 Page - Intel Corporation

Back Button LXT386LE Datasheet HTML 55Page - Intel Corporation LXT386LE Datasheet HTML 56Page - Intel Corporation LXT386LE Datasheet HTML 57Page - Intel Corporation LXT386LE Datasheet HTML 58Page - Intel Corporation LXT386LE Datasheet HTML 59Page - Intel Corporation LXT386LE Datasheet HTML 60Page - Intel Corporation LXT386LE Datasheet HTML 61Page - Intel Corporation LXT386LE Datasheet HTML 62Page - Intel Corporation LXT386LE Datasheet HTML 63Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 78 page
background image
QUAD T1/E1/J1 Transceiver — LXT386
Datasheet
59
Table 42. Analog Test Port Characteristics
Parameter
Sym
Min
Typ
Max
Unit
Test Condition
3 dB bandwidth
At13db
-
5
-
MHz
Input voltage range
At1iv
0
-
VCC
V
Output voltage range
At2ov
0
-
VCC
V
Table 43. Transmit Timing Characteristics
Parameter
Sym
Min
Typ
Max
Unit
Test Condition
Master clock frequency
E1
MCLK
–
2.048
–
MHz
T1
MCLK
–
1.544
–
MHz
Master clock tolerance
–
-100
–
100
ppm
Master clock duty cycle
–
40
–
60
%
Output pulse width
E1
Tw
219
244
269
ns
T1
Tw
291
324
356
ns
Transmit clock frequency
E1
Tclke1
-
2.048
-
MHz
T1
Tclkt1
-
1.544
-
MHz
Transmit clock tolerance
Tclkt
-50
–
+50
ppm
Transmit clock burst rate
Tclkb
-
–
20
MHz
Gapped transmit clock
Transmit clock duty cycle
Tdc
10
–
90
%
NRZ mode
E1 TPOS/TNEG pulse width (RZ mode)
Tmpwe1
236
–
252
ns
RZ mode (TCLK = H for
>16 clock cycles)
TPOS/TNEG to TCLK setup time
Tsut
20
-
-
ns
TCLK to TPOS/TNEG hold time
Tht
20
-
-
ns
Delay time OE Low to driver High Z
Toez
-
-
1
µs
Delay time TCLK Low to driver High Z
Ttz
50
60
75
µs
Figure 18. Transmit Clock Timing Diagram
TPOS
TNEG
TCLK
tHT
tSUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com