| Electronic Components Datasheet Search |
|
LXT386LE Datasheet(PDF) 18 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
LXT386LE Datasheet(HTML) 18 Page - Intel Corporation |
|
18 / 78 page ![]() LXT386 — QUAD T1/E1/J1 Transceiver 18 Datasheet J14 3 DS/ WR/ SDI/ LEN0 DI DI DI DI Data Strobe (Motorola Mode). Write Enable (Intel mode). Serial Data Input (Serial Mode). Line Length Equalizer (Hardware Mode). Host Mode This pin acts as data strobe in Motorola mode and as Write Enable in Intel mode. In serial mode this pin is used as Serial Data Input. Hardware Mode This pin determines the shape and amplitude of the transmit pulse. Refer to Table 2. J13 2 R / W/ RD/ LEN1 DI DI DI Read/Write (Motorola Mode). Read Enable (Intel mode). Line Length Equalizer (Hardware Mode). Host Mode This pin functions as the read/write signal in Motorola mode and as the Read Enable in Intel mode. Hardware Mode This pin determines the shape and amplitude of the transmit pulse. Refer to Table 2. J12 82 ALE/ SCLK/ AS/ LEN2 DI DI DI DI Address Latch Enable (Host Mode). Shift Clock (Serial Mode). Address Strobe (Motorola Mode). Line Length Equalizer (Hardware Mode). Host Mode The address on the multiplexed address/data bus is clocked into the device with the falling edge of ALE. In serial Host mode this pin acts as serial shift clock. In Motorola mode this pin acts a an active Low address strobe. Hardware Mode This pin determines the shape and amplitude of the transmit pulse. Refer to Table 2. Table 1. Pin Assignments and Signal Descriptions (Continued) Ball # PBGA Pin # LQFP Symbol I/O1 Description 1. DI: Digital Input; DO: Digital Output; DI/O: Digital Bidirectional Port; AI: Analog Input; AO: Analog Output S: Power Supply; N.C.: Not Connected. 2. N/C means “Not Connected” |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |